Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962D9569401VEA Datasheet(PDF) 5 Page - Intersil Corporation

Part # 5962D9569401VEA
Description  Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962D9569401VEA Datasheet(HTML) 5 Page - Intersil Corporation

  5962D9569401VEA Datasheet HTML 1Page - Intersil Corporation 5962D9569401VEA Datasheet HTML 2Page - Intersil Corporation 5962D9569401VEA Datasheet HTML 3Page - Intersil Corporation 5962D9569401VEA Datasheet HTML 4Page - Intersil Corporation 5962D9569401VEA Datasheet HTML 5Page - Intersil Corporation 5962D9569401VEA Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
HS-0549RH
DYNAMIC BURN-IN AND LIFE TEST CIRCUIT
V2 = +15.5V, ±.0.5V
V3 = -15.5V, ±0.5V
R1 = 10kΩ, ±5%
C1 = 0.01µF minimum (per socket)
D1 = 1N4002 or equivalent (per board)
F0 = 100kHz, ±10%; F1 = F0/2; F2 = F1/2,
50% duty cycle, VIL = 0.8V Max; VIH = 4.0V Min
HS-0549RH
STATIC BURN-IN TEST CIRCUIT
V1 = +5.5V, ±0.5V
V2 = +15.5V, ±0.5V
V3 = -15.5V, ±0.5V
R1 = 10kΩ, ±10%
C1 = 0.01µF minimum (per socket)
D1 = 1N4002 or equivalent (per board)
Burn-In/Life Test Circuits (Continued)
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
F0
F2
V2
V3
D1
C1
R1
R1
D1
C1
F1
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
V2
V3
D1
C1
R1
R1
D1
C1
V1
Irradiation Circuits
HS-0549RH
R1 = R2 = 10kΩ ±5%
HS-0548RH
R1 = 10kΩ ±5%
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
+5V
-15V
+1V
R1
R2
+1V
+15V
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
+5V
-15V
+1V
R1
+1V
+15V
HS-0548RH, HS-0549RH


Similar Part No. - 5962D9569401VEA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962D9569401VEA INTERSIL-5962D9569401VEA Datasheet
278Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
More results

Similar Description - 5962D9569401VEA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
logo
Renesas Technology Corp
HI-548 RENESAS-HI-548 Datasheet
794Kb / 15P
   Single 8/Differential 4-Channel CMOS Analog Multiplexers with Active Overvoltage Protection
April 9, 2012
logo
Intersil Corporation
HS-0508RH INTERSIL-HS-0508RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Harris Corporation
HI-509L HARRIS-HI-509L Datasheet
424Kb / 9P
   Single 8/Differential 4 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com