Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-1120RH Datasheet(PDF) 10 Page - Intersil Corporation

Part # HS-1120RH
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1120RH Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HS-1120RH Datasheet HTML 3Page - Intersil Corporation HS-1120RH Datasheet HTML 4Page - Intersil Corporation HS-1120RH Datasheet HTML 5Page - Intersil Corporation HS-1120RH Datasheet HTML 6Page - Intersil Corporation HS-1120RH Datasheet HTML 7Page - Intersil Corporation HS-1120RH Datasheet HTML 8Page - Intersil Corporation HS-1120RH Datasheet HTML 9Page - Intersil Corporation HS-1120RH Datasheet HTML 10Page - Intersil Corporation HS-1120RH Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Test Circuits and Waveforms
SIMPLIFIED TEST CIRCUIT FOR LARGE AND SMALL SIGNAL PULSE RESPONSE
AV = +1 TEST CIRCUIT
AV = +2 TEST CIRCUIT
LARGE SIGNAL WAVEFORM
SMALL SIGNAL WAVEFORM
Burn-In Circuit
Irradiation Circuit
HS-1120RH CERDIP
NOTES:
R1 = R2 = 1kΩ, ±5% (Per Socket)
R3 = 10kΩ, ±5% (Per Socket)
C1 = C2 = 0.01µF (Per Socket) or 0.1µF (Per Row) Minimum
D1 = D2 = 1N4002 or Equivalent (Per Board)
D3 = D4 = 1N4002 or Equivalent (Per Socket)
V+ = +5.5V
±0.5V
V- = -5.5V
±0.5V
HS-1120RH CERDIP
NOTES:
R1 = R2 = 1kΩ, ±5%
R3 = 10kΩ, ±5%
C1 = C2 = 0.1µF
V+ = +5.5V
±0.5V
V- = -5.5V
±0.5V
-
+
VIN
RS
50
V+
RF
510
V-
NOTES: VS = ±5V, AV = +1
RS = 50Ω
RL = 100Ω For Small and Large Signals
VOUT
50
50
2
-
+
VIN
RS
50
RF
V+
V-
360
RG
360
NOTES:
RS = 50Ω
VOUT
50
50
2
VS = ±5V, AV = +2
RL= 100Ω For Small and Large Signals
+2.5V
-SR
+2.5V
+SR
VOUT
-2.5V
-2.5V
90%
10%
90%
10%
90%
10%
90%
10%
+250mV
TF , -OS
+250mV
TR , +OS
VOUT
-250mV
-250mV
1
2
3
4
8
7
6
5
V+
C1
D1
D2
C2
V-
D4
D3
R3
R2
R1
+
-
1
2
3
4
8
7
6
5
V+
C1
C2
V-
-
+
R3
R2
R1
HS-1120RH


Similar Part No. - HS-1120RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1100RH INTERSIL-HS-1100RH Datasheet
132Kb / 11P
   Radiation Hardened, Ultra High Speed Current Feedback Amplifier
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH Datasheet
133Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
More results

Similar Description - HS-1120RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1100RH INTERSIL-HS-1100RH Datasheet
132Kb / 11P
   Radiation Hardened, Ultra High Speed Current Feedback Amplifier
HFA1120 INTERSIL-HFA1120 Datasheet
115Kb / 17P
   850MHz Current Feedback Amplifier with Offset Adjust
July 1994
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
   Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
logo
STMicroelectronics
AN4439 STMICROELECTRONICS-AN4439 Datasheet
562Kb / 16P
   L99ASC03 current sense amplifier offset adjust
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com