Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9676701VPC Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962F9676701VPC
Description  Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9676701VPC Datasheet(HTML) 1 Page - Intersil Corporation

  5962F9676701VPC Datasheet HTML 1Page - Intersil Corporation 5962F9676701VPC Datasheet HTML 2Page - Intersil Corporation 5962F9676701VPC Datasheet HTML 3Page - Intersil Corporation 5962F9676701VPC Datasheet HTML 4Page - Intersil Corporation 5962F9676701VPC Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
File Number
4099.2
HS-1135RH
Radiation Hardened, High Speed, Low
Power Current Feedback Amplifier with
Programmable Output Limiting
The HS-1135RH is a radiation hardened, high speed, low
power current feedback amplifier built with Intersil’s
proprietary complementary bipolar UHF-1 (DI bonded wafer)
process. They are QML approved and processed in full
compliance with MIL-PRF-38535. This amplifier features
user programmable output limiting, via the VH and VL pins.
The HS-1135RH is the ideal choice for high speed, low
power applications requiring output limiting (e.g., flash A/D
drivers), especially those requiring fast overdrive recovery
times. The limiting function allows the designer to set the
maximum and minimum output levels to protect downstream
stages from damage or input saturation. The sub-
nanosecond overdrive recovery time ensures a quick return
to linear operation following an overdrive condition.
Component and composite video systems also benefit from
this op amp’s performance, as indicated by the gain flatness,
and differential gain and phase specifications.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-96767. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-96767
• QML Qualified per MIL-PRF-38535 Requirements
• User Programmable Output Voltage Limiting
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . . <1ns (Typ)
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 6.9mA (Typ)
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . .360MHz (Typ)
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . .1200V/
µs (Typ)
• High Input Impedance . . . . . . . . . . . . . . . . . . . 2M
Ω (Typ)
• Excellent Gain Flatness (to 50MHz) . . . . . .
±0.07dB (Typ)
• Total Gamma Dose. . . . . . . . . . . . . . . . . . . . 300kRAD(Si)
• Latch Up . . . . . . . . . . . . . . . . . . . . . None (DI Technology)
Applications
• Flash A/D Driver
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Imaging Systems
Pinout
HS-1135RH
GDIP1-T8 (CERDIP)
OR CDIP2-TI (SBDIP)
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962F9676701VPA
HS7-1135RH-Q
-55 to 125
5962F9676701VPC
HS7B-1135RH-Q
-55 to 125
HS7-1135RH/PROTO
HS7-1135RH/PROTO
-55 to 125
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
VH
V+
OUT
VL
+
-
Data Sheet
August 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - 5962F9676701VPC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9676701VPC INTERSIL-5962F9676701VPC Datasheet
258Kb / 9P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
More results

Similar Description - 5962F9676701VPC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1100RH INTERSIL-HS-1100RH Datasheet
132Kb / 11P
   Radiation Hardened, Ultra High Speed Current Feedback Amplifier
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
   Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1120RH INTERSIL-HS-1120RH Datasheet
119Kb / 11P
   Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
   Low Power, Radiation Hardened Programmable Operational Amplifier
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
   Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com