Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSN20 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BSN20
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BSN20 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  BSN20 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BSN20 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BSN20 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd BSN20 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd BSN20 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
MOSFET
3
www.kexin.com.cn
Typical Characteristics
VGS ≥ 5 V
Fig 1. Normalized total power dissipation as a
function of solder point temperature.
Fig 2. Normalized continuous drain current as a
function of solder point temperature.
Tsp = 25 °C; IDM is single pulse.
Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
Pder
Tsp (
oC)
(%)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
Ider (%)
Tsp (
oC)
Pder
Ptot
P
tot 25 C
°
---------------------- 100%
×
=
Ider
ID
I
D 25 C
°
------------------- 100%
×
=
10-2
10-1
1
0
1
0
1
1
2
VDS (V)
ID
(A)
D.C.
100 ms
10 ms
RDSon = VDS/ ID
1 ms
tp = 10 µs
100 µs
Tsp = 25oC
tp
tp
T
P
t
T
δ =
Mounted on a metal clad substrate.
Fig 4. Transient thermal impedance from junction to solder point as a function of
pulse duration.
03aa47
Zth(j-sp)
(K/W)
δ
tp
tp
T
P
t
T
δ =
N-Channel MOSFET
BSN20
(   )
(   )


Similar Part No. - BSN20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSN20 PHILIPS-BSN20 Datasheet
101Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
logo
Diodes Incorporated
BSN20 DIODES-BSN20 Datasheet
122Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
logo
VBsemi Electronics Co.,...
BSN20 VBSEMI-BSN20 Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
SHIKUES Electronics
BSN20 SKTECHNOLGY-BSN20 Datasheet
748Kb / 4P
   N-Channel Enhancement Mode MOSFET
logo
Nexperia B.V. All right...
BSN20 NEXPERIA-BSN20 Datasheet
417Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 03 - 26 June 2000
More results

Similar Description - BSN20

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com