Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-1412RH-Q Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS1-1412RH-Q
Description  Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-1412RH-Q Datasheet(HTML) 3 Page - Intersil Corporation

  HS1-1412RH-Q Datasheet HTML 1Page - Intersil Corporation HS1-1412RH-Q Datasheet HTML 2Page - Intersil Corporation HS1-1412RH-Q Datasheet HTML 3Page - Intersil Corporation HS1-1412RH-Q Datasheet HTML 4Page - Intersil Corporation HS1-1412RH-Q Datasheet HTML 5Page - Intersil Corporation HS1-1412RH-Q Datasheet HTML 6Page - Intersil Corporation HS1-1412RH-Q Datasheet HTML 7Page - Intersil Corporation HS1-1412RH-Q Datasheet HTML 8Page - Intersil Corporation HS1-1412RH-Q Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
PC Board Layout
This amplifier’s frequency response depends greatly on the
care taken in designing the PC board (PCB). The use of low
inductance components such as chip resistors and chip
capacitors is strongly recommended, while a solid
ground plane is a must!
Attention should be given to decoupling the power supplies.
A large value (10
µF) tantalum in parallel with a small value
(0.1
µF) chip capacitor works well in most cases.
Terminated microstrip signal lines are recommended at the
input and output of the device. Capacitance directly on the
output must be minimized, or isolated as discussed in the
next section.
An example of a good high frequency layout is the
Evaluation Board shown in Figure 3.
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly
terminated transmission line will degrade the amplifier’s
phase margin resulting in frequency response peaking and
possible oscillations. In most cases, the oscillation can be
avoided by placing a resistor (RS) in series with the output
prior to the capacitance.
Figure 1 details starting points for the selection of this
resistor. The points on the curve indicate the RS and CL
combinations for the optimum bandwidth, stability, and
settling time, but experimental fine tuning is recommended.
Picking a point above or to the right of the curve yields an
overdamped response, while points below or left of the curve
indicate areas of underdamped performance.
RS and CL form a low pass network at the output, thus limiting
system bandwidth well below the amplifier bandwidth of
350MHz. By decreasing RS as CL increases (as illustrated in
the curves), the maximum bandwidth is obtained without
sacrificing stability. In spite of this, bandwidth decreases as
the load capacitance increases. For example, at AV = +2,
RS =22Ω,CL = 100pF, the overall bandwidth is 125MHz, and
bandwidth drops to 100MHz at RS =12Ω, CL = 220pF.
Evaluation Board
The performance of the HS-1412RH may be evaluated using
the HA5025 Evaluation Board, slightly modified as follows:
1. Remove the four feedback resistors, and leave the
connections open.
2. a. For AV = +1 evaluation, remove the gain setting
resistors (R1), and leave pins 2, 6, 9, and 13 floating.
b. For AV = +2, replace the gain setting resistors (R1) with
0
Ω resistors to GND.
The modified schematic for amplifier 1, and the board layout
are shown in Figures 2 and 3.
To order evaluation boards (part number HA5025EVAL),
please contact your local sales office.
0
100
200
300
400
0
10
20
30
40
50
LOAD CAPACITANCE (pF)
AV = +1
AV = +2
150
250
350
50
FIGURE 1. RECOMMENDED SERIES RESISTOR vs LOAD
CAPACITANCE
+5V
10
µF
0.1
µF
50
GND
GND
R 1
-5V
0.1
µF
10
µF
50
IN
OUT
∞ (AV = +1)
or 0
Ω (AV = +2)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NOTE: R1 =
FIGURE 2. MODIFIED EVALUATION BOARD SCHEMATIC
+
-
(NOTE)
FIGURE 3A. TOP LAYOUT
FIGURE 3B. BOTTOM LAYOUT
FIGURE 3. EVALUATION BOARD LAYOUT
HS-1412RH


Similar Part No. - HS1-1412RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-1245RH-Q INTERSIL-HS1-1245RH-Q Datasheet
44Kb / 4P
   Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
HS1-139EH-Q INTERSIL-HS1-139EH-Q Datasheet
181Kb / 3P
   Radiation Hardened Quad Voltage Comparator
logo
Renesas Technology Corp
HS1-139EH-Q RENESAS-HS1-139EH-Q Datasheet
515Kb / 6P
   Radiation Hardened Quad Voltage Comparator
August 8, 2013
logo
Intersil Corporation
HS1-139RH INTERSIL-HS1-139RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Voltage Comparator
HS1-139RH-8 INTERSIL-HS1-139RH-8 Datasheet
134Kb / 2P
   Radiation Hardened Quad Voltage Comparator
More results

Similar Description - HS1-1412RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1212RH INTERSIL-HS-1212RH Datasheet
107Kb / 9P
   Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com