Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-1840ARH-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS1-1840ARH-T
Description  Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-1840ARH-T Datasheet(HTML) 2 Page - Intersil Corporation

  HS1-1840ARH-T Datasheet HTML 1Page - Intersil Corporation HS1-1840ARH-T Datasheet HTML 2Page - Intersil Corporation HS1-1840ARH-T Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Functional Diagram
TRUTH TABLE
A3
A2
A1
A0
EN
“ON” CHANNEL
XXXX
H
None
LLLLL
1
LLL
H
L
2
LL
H
L
L
3
LL
H
H
L
4
L
H
LLL
5
LHLHL
6
LH
HL
L
7
L
HHH
L
8
H
LLLL
9
HL
LHL
10
HLHL
L
11
HLH
H
L
12
H
H
LLL
13
HH
L
H
L
14
HHH
L
L
15
HHHH
L
16
P
EN
IN 1
OUT
IN 16
DIGITAL
ADDRESS
DECODERS
ADDRESS INPUT
BUFFER AND
LEVEL SHIFTER
MULTIPLEX
SWITCHES
A0
A1
A2
P
A3
1
16
HS-1840ARH-T


Similar Part No. - HS1-1840ARH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-1840ARH-T INTERSIL-HS1-1840ARH-T Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS1-1840ARH-T INTERSIL-HS1-1840ARH-T Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS1-1840ARH-T INTERSIL-HS1-1840ARH-T Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
More results

Similar Description - HS1-1840ARH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1840ARH INTERSIL-HS-1840ARH Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840RH883S INTERSIL-HS-1840RH883S Datasheet
830Kb / 11P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH INTERSIL-HS-1840ARH_11 Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
ISL71840SEH INTERSIL-ISL71840SEH Datasheet
1Mb / 27P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
June 9, 2016
logo
Renesas Technology Corp
ISL71840SEH RENESAS-ISL71840SEH Datasheet
1Mb / 28P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
logo
Intersil Corporation
HS-1840BEH INTERSIL-HS-1840BEH Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com