Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLR3304 Datasheet(PDF) 3 Page - Protek Devices

Part # PLR3304
Description  ULTRA LOW CAPACITANCE STEERING DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR3304 Datasheet(HTML) 3 Page - Protek Devices

  PLR3304_15 Datasheet HTML 1Page - Protek Devices PLR3304_15 Datasheet HTML 2Page - Protek Devices PLR3304_15 Datasheet HTML 3Page - Protek Devices PLR3304_15 Datasheet HTML 4Page - Protek Devices PLR3304_15 Datasheet HTML 5Page - Protek Devices PLR3304_15 Datasheet HTML 6Page - Protek Devices PLR3304_15 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05273.R9 11/14
Page 3
PLR3304
TYPICAL DEVICE CHARACTERISTICS
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
t
d - Pulse Duration - µs
400W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
T
A - Ambient Temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FIGURE 2
PULSE WAVE FORM
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120


Similar Part No. - PLR3304_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR3304 PROTEC-PLR3304_12 Datasheet
819Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
More results

Similar Description - PLR3304_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR0524P PROTEC-PLR0524P_15 Datasheet
528Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE
PAM13ST2305 PROTEC-PAM13ST2305_15 Datasheet
678Kb / 8P
   ULTRA LOW CAPACITANCE STEERING DIODE
PLC497 PROTEC-PLC497_15 Datasheet
581Kb / 9P
   ULTRA LOW CAPACITANCE STEERING DIODE
PLR0504F PROTEC-PLR0504F_15 Datasheet
526Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE
PLR0506 PROTEC-PLR0506_15 Datasheet
475Kb / 5P
   ULTRA LOW CAPACITANCE STEERING DIODE
PLR0524 PROTEC-PLR0524_15 Datasheet
805Kb / 9P
   ULTRA LOW CAPACITANCE STEERING DIODE
DSL03-24 PROTEC-DSL03-24 Datasheet
596Kb / 8P
   ULTRA LOW CAPACITANCE STEERING DIODE
DALC112S1 PROTEC-DALC112S1_12 Datasheet
513Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_11 Datasheet
474Kb / 6P
   ultra low capacitance steering diode array
SR70 PROTEC-SR70_10 Datasheet
407Kb / 5P
   ultra low capacitance steering diode array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com