Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-201HSRH-Q Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS9-201HSRH-Q
Description  Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-201HSRH-Q Datasheet(HTML) 2 Page - Intersil Corporation

  HS9-201HSRH-Q Datasheet HTML 1Page - Intersil Corporation HS9-201HSRH-Q Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Die Characteristics
DIE DIMENSIONS
2667
µm x 4623µm (105 mils x 182 mils)
Thickness: 483
µm ±25.4µm (19 mils ±1 mil)
INTERFACE MATERIALS
Glassivation
Type: Phosphorus Silicon Glass (PSG)
Thickness: 8.0k
Å +/-1.0kÅ
Metallization
Type: Ti/AlCu
Thickness: 16.0k
Å +/- 2kÅ
Substrate
Rad Hard Silicon Gate, Dielectric Isolation
Backside Finish
Silicon
ASSEMBLY RELATED INFORMATION
Substrate Potential
Unbiased (DI)
ADDITIONAL INFORMATION
Worst Case Current Density
<2.0 x 105 A/cm2
Transistor Count
328
Metallization Mask Layout
HS-201HSRH
OUT4
IN4
GND
V-
IN1
A4
A3
A1
A2
OUT3
IN3
V+
IN2
OUT2
OUT1
HS-201HSRH


Similar Part No. - HS9-201HSRH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-201HSRH-Q INTERSIL-HS9-201HSRH-Q Datasheet
239Kb / 4P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
HS9-201HSRH-Q INTERSIL-HS9-201HSRH-Q Datasheet
259Kb / 5P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
logo
Renesas Technology Corp
HS9-201HSRH-Q RENESAS-HS9-201HSRH-Q Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
More results

Similar Description - HS9-201HSRH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-201HSRH INTERSIL-HS-201HSRH_13 Datasheet
259Kb / 5P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
HS-201HSRH INTERSIL-HS-201HSRH_06 Datasheet
239Kb / 4P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
logo
Renesas Technology Corp
HS-201HSRH RENESAS-HS-201HSRH Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
HI-201HS INTERSIL-HI-201HS Datasheet
253Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
July 1999
HI-201H INTERSIL-HI-201H Datasheet
747Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
logo
TEMIC Semiconductors
DG201HS TEMIC-DG201HS Datasheet
107Kb / 8P
   High-Speed Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS_08 Datasheet
124Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. G, 25-Jun-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com