Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2782GR-E1 Datasheet(PDF) 10 Page - NEC

Part # UPC2782GR-E1
Description  L BAND DOWN CONVERTER IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2782GR-E1 Datasheet(HTML) 10 Page - NEC

Back Button UPC2782GR-E1 Datasheet HTML 6Page - NEC UPC2782GR-E1 Datasheet HTML 7Page - NEC UPC2782GR-E1 Datasheet HTML 8Page - NEC UPC2782GR-E1 Datasheet HTML 9Page - NEC UPC2782GR-E1 Datasheet HTML 10Page - NEC UPC2782GR-E1 Datasheet HTML 11Page - NEC UPC2782GR-E1 Datasheet HTML 12Page - NEC UPC2782GR-E1 Datasheet HTML 13Page - NEC UPC2782GR-E1 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet P11758EJ3V0DS00
10
µµµµPC2782GR
Standard Characteristics (VCC = 5 V, TA = 25
°°°°C)
IM3 (MIXER)
–40
10
Pin - Input Power - dBm
–10
–30
–50
–70
–90
–30
–20
–10
0
10
fRF = 900, 930 MHz
fOSC = 1 380 MHz
POSC = –10 dBm
IM3 (MIXER)
Oscillator Frequency Range
0
–40
10
Pin - Input Power - dBm
–10
–30
–50
–70
–90
–30
–20
–10
0
10
fRF = 2.1, 2.13 GHz
fOSC = 2.58 GHz
POSC = –10 dBm
IM3 (IFAGCAmp)
–40
10
Pin - Input Power - dBm
–10
–30
–50
–70
–90
–30
–20
–10
0
10
fIF = 480, 510 MHz
VAGC = 0 V
–50
1.268 G
2.618 G
0 dBm
10 dB/
ATTEN 10 dB
CENTER 2.000 GHz
SPAN 1.800 GHz
RBW 1.0 MHz
VBW 1.0 MHz
SWP 50 ms
RL


Similar Part No. - UPC2782GR-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2782GR-E1 NEC-UPC2782GR-E1 Datasheet
57Kb / 8P
   SILICON MMIC L/S BAND DOWNCONVERTER
More results

Similar Description - UPC2782GR-E1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
   L-band Down Converter IC with On-Chip PLL
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER
logo
Sony Corporation
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
   L-band Down Converter for Satellite Tuner
logo
ATMEL Corporation
ATR2730 ATMEL-ATR2730 Datasheet
287Kb / 18P
   L-band Down-converter for DAB Receivers
logo
NEC
UPC2721 NEC-UPC2721 Datasheet
90Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
logo
TEMIC Semiconductors
U2730B-B TEMIC-U2730B-B Datasheet
271Kb / 12P
   L-Band Down-Converter for DAB Receivers
logo
ATMEL Corporation
U2730B-N ATMEL-U2730B-N Datasheet
208Kb / 17P
   L-band Down-converter for DAB Receivers
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
   3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com