Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-2520RH Datasheet(PDF) 6 Page - Intersil Corporation

Part # HS-2520RH
Description  Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-2520RH Datasheet(HTML) 6 Page - Intersil Corporation

  HS-2520RH Datasheet HTML 1Page - Intersil Corporation HS-2520RH Datasheet HTML 2Page - Intersil Corporation HS-2520RH Datasheet HTML 3Page - Intersil Corporation HS-2520RH Datasheet HTML 4Page - Intersil Corporation HS-2520RH Datasheet HTML 5Page - Intersil Corporation HS-2520RH Datasheet HTML 6Page - Intersil Corporation HS-2520RH Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Schematic Diagram
Q24
Q25
Q17
Q27
Q29
Q31
Q26
Q5A
Q5B
Q10
Q11A
Q7
Q6
Q9
V-
+INPUT
-INPUT
OFFSET
Q30
Q22
Q14
Q28
Q3A
Q3B
Q4A
Q4B
Q1B
Q1A
Q2B
Q2A
Q21A
Q21B
Q18
Q19
Q20
R6A
3K
R18
30
Q8
Q11B
Q12B
R2B
1.8K
R2A
1.8K
Q12A
OUTPUT
Q13B
R17
30
C1
1pF
Q15
R11
4K
V+
200
R21
R13
2K
Q16
R15
11.13K
R16
960
200
R2A
200
R2B
R12
2K
200
R20
Q23
R9
1.1K
R10
740
R19
1.48K
R3B
1.48K
R3A
1.48K
1.68K
R1A
R1B
1.68K
R6B
3K
BW
CONTROL
OFFSET
Q13A
HS-2520RH


Similar Part No. - HS-2520RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
More results

Similar Description - HS-2520RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2510RH INTERSIL-HS-2510RH Datasheet
86Kb / 7P
   Radiation Hardened High Slew Rate Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com