Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-2510RH-Q Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS9-2510RH-Q
Description  Radiation Hardened High Slew Rate Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-2510RH-Q Datasheet(HTML) 4 Page - Intersil Corporation

  HS9-2510RH-Q Datasheet HTML 1Page - Intersil Corporation HS9-2510RH-Q Datasheet HTML 2Page - Intersil Corporation HS9-2510RH-Q Datasheet HTML 3Page - Intersil Corporation HS9-2510RH-Q Datasheet HTML 4Page - Intersil Corporation HS9-2510RH-Q Datasheet HTML 5Page - Intersil Corporation HS9-2510RH-Q Datasheet HTML 6Page - Intersil Corporation HS9-2510RH-Q Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
NOTE: External compensation components are not required for
stability, but may be added to reduce bandwidth, if desired.
FIGURE 11. OPEN LOOP FREQUENCY RESPONSE FOR
VARIOUS VALUES OF CAPACITORS FROM
COMPENSATION PIN TO GROUND
FIGURE 12. POWER SUPPLY CURRENT vs TEMPERATURE
FIGURE 13. OPEN LOOP GAIN AND PHASE RESPONSE vs
FREQUENCY
NOTE: Tested offset adjustment is |VOS + 1mV| minimum referred
to output typical range is
±8mV for RT = 20kΩ.
FIGURE 14. SUGGESTED VOS ADJUSTMENT
FIGURE 15. INPUT NOISE DENSITY vs FREQUENCY
Typical Performance Curves Unless Otherwise Specified: TA = 25oC, VSUPPLY = ±15V (Continued)
FREQUENCY (Hz)
10
100
1K
10K
100K
1M
10M
100M
0pF
100pF
1000pF
30pF
300pF
120
100
80
60
40
20
0
-20
4.4
4.2
4.0
3.8
3.6
3.4
3.2
-50
-55
-25
0
25
50
75
100
125
TEMPERATURE (oC)
VS =
±10
VS =
±15
VS =
±20
GAIN
PHASE
FREQUENCY (Hz)
120
100
80
60
40
20
0
-20
10
100
1K
10K
100K
1M
10M
100M
30o
60o
90o
120o
150o
180o
OUT
IN
BAL
V-
V+
RT
20k
1000
100
10
1
1
10
100
1K
10K
100K
FREQUENCY (Hz)
100
10
1
0.1
INPUT NOISE CURRENT
INPUT NOISE VOLTAGE
HS-2510RH


Similar Part No. - HS9-2510RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-201HSEH-Q INTERSIL-HS9-201HSEH-Q Datasheet
259Kb / 5P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
logo
Renesas Technology Corp
HS9-201HSEH-Q RENESAS-HS9-201HSEH-Q Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
logo
Intersil Corporation
HS9-201HSRH-8 INTERSIL-HS9-201HSRH-8 Datasheet
61Kb / 2P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
HS9-201HSRH-8 INTERSIL-HS9-201HSRH-8 Datasheet
239Kb / 4P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
HS9-201HSRH-8 INTERSIL-HS9-201HSRH-8 Datasheet
259Kb / 5P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
More results

Similar Description - HS9-2510RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com