Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-246RH-8 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS1-246RH-8
Description  Radiation Hardened Triple Line(party-Line) Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-246RH-8 Datasheet(HTML) 2 Page - Intersil Corporation

  HS1-246RH-8 Datasheet HTML 1Page - Intersil Corporation HS1-246RH-8 Datasheet HTML 2Page - Intersil Corporation HS1-246RH-8 Datasheet HTML 3Page - Intersil Corporation HS1-246RH-8 Datasheet HTML 4Page - Intersil Corporation HS1-246RH-8 Datasheet HTML 5Page - Intersil Corporation HS1-246RH-8 Datasheet HTML 6Page - Intersil Corporation HS1-246RH-8 Datasheet HTML 7Page - Intersil Corporation HS1-246RH-8 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Pinouts
HS9-245RH 14 PIN FLATPACK
HS1-245RH 14 CERAMIC DIP
MIL-STD-1835 CDIP2-T14
TOP VIEW
HS9-246RH/248RH 14 PIN FLATPACK
HS1-246RH/248RH 14 PIN CERAMIC DIP
MIL-STD-1835 CDFP3-F14
TOP VIEW
VCC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
T1
T3
T2
φ1 INPUT
φ2 INPUT
OUTPUT
φ2
INPUT
φ2
INPUT
φ1
OUTPUT
φ1
OUTPUT
φ2
INPUT
φ2
φ1 OUTPUT
φ1 INPUT
φ1 OUTPUT
φ2 OUTPUT
SUBSTRATE
GND
GND
VCC (R1 AND R2)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
(+) INPUT
(-) INPUT
(-) INPUT
INPUT (-)
INPUT (+)
OUTPUT (R3)
VEE (R3)
VEE (R1 AND R2)
VCC (R3)
(R1) OUTPUT
(+) INPUT
(R2) OUTPUT
R1
R2
R3
Test Circuits and Applications
FIGURE 1. CIRCUIT #1 TRANSMITTER PROPAGATION DELAY
FIGURE 2. CIRCUIT #2 RECEIVER PROPAGATION DELAY
0V
φ1 IN
TPHL
TPLH
φ2 IN
0V
OPEN
φ1 OUT
0V
0V
φ2 OUT
0.15V
(
3mA)
(
3.2V)
OPEN
(
3.2V)
0.15V
(
3mA)
NOTES:
Input: TTLH
≤ 10ns
TTHL
≤ 10ns
pw = 500ns
f = 1MHz
IOUT =
VOUT
50
VCC = +5V
D.U.T.
50
1%
50
1%
TRANSMITTER
OUT
VOUT
φ1
φ1
φ2
VOUT
φ2
All timing measurements referenced to 50% V points
(+)IN
TPHL
TPLH
(-) IN
RECEIVER
OUT
0V
0V
150mV
150mV
0V
5V
50
30pF
(+)
(-)
VCC = +5V
RECEIVER
OUTPUT
D.U.T.
VEE = - 5V
800
520
50
NOTES:
Input: TTLH
≤ 10ns
TTHL
≤ 10ns
pw = 500ns
f = 1MHz
All timing measurements referenced to 50% V points
HS-245RH, HS-246RH, HS-248RH


Similar Part No. - HS1-246RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-246RH-8 INTERSIL-HS1-246RH-8 Datasheet
227Kb / 8P
   Radiation Hardened Triple Line Transmitter
logo
Renesas Technology Corp
HS1-246RH-8 RENESAS-HS1-246RH-8 Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
More results

Similar Description - HS1-246RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-245RH INTERSIL-HS-245RH_03 Datasheet
227Kb / 8P
   Radiation Hardened Triple Line Transmitter
logo
Renesas Technology Corp
HS-245RH RENESAS-HS-245RH Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
   Radiation Hardened Quad Differential Line Driver
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com