Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS2-2622RH-Q Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS2-2622RH-Q
Description  Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS2-2622RH-Q Datasheet(HTML) 3 Page - Intersil Corporation

  HS2-2622RH-Q Datasheet HTML 1Page - Intersil Corporation HS2-2622RH-Q Datasheet HTML 2Page - Intersil Corporation HS2-2622RH-Q Datasheet HTML 3Page - Intersil Corporation HS2-2622RH-Q Datasheet HTML 4Page - Intersil Corporation HS2-2622RH-Q Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NOTES:
1. R1 = 1M
Ω, ±5%, 1/4W (Min)
2. C1 = C2 = 0.01
µF/Socket (Min) of 0.1µF/Row (Min)
3. C3 = 0.01
µF/Socket (10%)
4. D1 = D2 = IN4002 or Equivalent/Board
5. I(V+) - (V -)I = 31V
±1V
Irradiation Circuit
NOTES:
6. V1 = +15V
±10%
7. V2 = -15V
±10%
8. R = 1M
Ω±5%
9. C = 0.1
µF ±10%
Burn-In Circuits
HS7-2620RH CERDIP
HS7-2622RH CERDIP
HS2-2620RH (TO-99) METAL CAN
HS2-2622RH (TO-99) METAL CAN
1
2
3
4
8
7
6
5
+
V-
C2
C3
R1
C
D1
V+
-
D2
R1
2
4
6
1
3
7
5
8
-
+
V-
C2
D2
1
2
3
4
8
7
6
5
V2
R
GND
C
C
C
V1
HS-2620RH, HS-2622RH


Similar Part No. - HS2-2622RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS2-2520RH-Q INTERSIL-HS2-2520RH-Q Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS2-2520RH-Q INTERSIL-HS2-2520RH-Q Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS2-2700RH-Q INTERSIL-HS2-2700RH-Q Datasheet
92Kb / 6P
   Low Power, High Performance Radiation Hardened Operational Amplifier
More results

Similar Description - HS2-2622RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620 Datasheet
120Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
HA-2620 INTERSIL-HA-2620_06 Datasheet
317Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
logo
Renesas Technology Corp
HA-2620 RENESAS-HA-2620 Datasheet
273Kb / 12P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
logo
Intersil Corporation
HS-2600RH INTERSIL-HS-2600RH Datasheet
87Kb / 5P
   Radiation Hardened Wideband, High Impedance Operational Amplifier
logo
Harris Corporation
HA-2622 HARRIS-HA-2622 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com