Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2776 Datasheet(PDF) 6 Page - NEC

Part # UPC2776
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776 Datasheet(HTML) 6 Page - NEC

Back Button UPC2776 Datasheet HTML 2Page - NEC UPC2776 Datasheet HTML 3Page - NEC UPC2776 Datasheet HTML 4Page - NEC UPC2776 Datasheet HTML 5Page - NEC UPC2776 Datasheet HTML 6Page - NEC UPC2776 Datasheet HTML 7Page - NEC UPC2776 Datasheet HTML 8Page - NEC UPC2776 Datasheet HTML 9Page - NEC UPC2776 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
µµµµPC2776TB
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25 °C)
25
20
15
10
5
9
8
7
6
5
0
–10
–20
–30
–40
–50
0.1
0.3
1.0
Frequency - f (GHz)
0
–10
–20
–30
–40
–50
3.0
0.1
0.3
1.0
Frequency - f (GHz)
3.0
0.1
0.3
1.0
Frequency - f (GHz)
3.0
30
25
20
15
10
0.1
0.3
1.0
Frequency - f (GHz)
3.0
40
35
30
25
20
15
10
5
0
–60
–40
–20
0
Operating Ambient Temperature - TA (°C)
CIRCUIT CURRENT vs. OPERATING TEMPERATURE
POWER GAIN vs. FREQUENCY
NOISE FIGURE, POWER GAIN vs. FREQUENCY
ISOLATION vs. FREQUENCY
INPUT RETURN LOSS, OUTPUT RETURN LOSS
vs. FREQUENCY
+20
No Signals
+40
+60
+80 +100
40
35
30
25
20
15
10
5
0
01
2
3
Supply Voltage - VCC (V)
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
456
GP
NF
VCC = 5.5 V
VCC = 5.5 V
VCC = 5.0 V
VCC = 5.0 V
VCC = 4.5 V
TA = –40 °C
TA = +25 °C
TA = +85 °C
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.0 V
RLin
RLout
VCC = 5.0 V
VCC = 5.0 V


Similar Part No. - UPC2776

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2776 NEC-UPC2776 Datasheet
44Kb / 3P
   2.7 GHz SILICON MIMIC WIDE BAND AMPLIFIER
UPC2776T NEC-UPC2776T Datasheet
44Kb / 3P
   2.7 GHz SILICON MIMIC WIDE BAND AMPLIFIER
logo
California Eastern Labs
UPC2776TB CEL-UPC2776TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB CEL-UPC2776TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2776TB NEC-UPC2776TB Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results

Similar Description - UPC2776

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB NEC-UPC2710TB_1 Datasheet
117Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB Datasheet
95Kb / 6P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB NEC-UPC2710TB Datasheet
127Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com