Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962D9567002VCA Datasheet(PDF) 2 Page - Intersil Corporation

Part # 5962D9567002VCA
Description  Low Power, High Performance Radiation Hardened Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962D9567002VCA Datasheet(HTML) 2 Page - Intersil Corporation

  5962D9567002VCA Datasheet HTML 1Page - Intersil Corporation 5962D9567002VCA Datasheet HTML 2Page - Intersil Corporation 5962D9567002VCA Datasheet HTML 3Page - Intersil Corporation 5962D9567002VCA Datasheet HTML 4Page - Intersil Corporation 5962D9567002VCA Datasheet HTML 5Page - Intersil Corporation 5962D9567002VCA Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Test Circuit
NOTE: Includes stray capacitances.
Timing Waveforms
FIGURE 1. SIMPLIFIED TEST CIRCUIT
FIGURE 2. SLEW RATE WAVEFORM
FIGURE 3. TRANSIENT RESPONSE WAVEFORM
NOTE: Measured on both positive and negative transitions. Capacitance at Compensation pin should be minimized.
S8
S5A
2
1
100
100
+VCC
S5B
2
1
+
OPEN 1
2K
-VEE
OPEN
S9
1
2
75pF (NOTE)
ACOUT
1
V2
EOUT
50K
1
10K
S1
+
-1
50K
V1
S2
S6
1
2
DUT
S3B
2
OPEN
1
1
0.1
500K
BUFFER
FOR LOOP STABILITY,
USE MIN VALUE CAPACITOR
TO PREVENT OSCILLATION
OPEN 2
OPEN 2
10K
S3A
1
0.1
400
1.6K
1 OPEN
2
ALL RESISTORS =
±1% (Ω)
ALL CAPACITORS =
±10% (µF)
-1/10
2
-
+
-
2
x
-
VAC
VIN
VOUT
1.6K
75pF
400
+
-
+1.0V
INPUT
-4V
+2.5V
OUTPUT
-2.5V
SLEW
RATE
=
∆V/∆T
∆T
-1.0V
+4V
∆V
+40mV
INPUT
0V
OVERSHOOT
90%
OUTPUT
10%
RISE TIME
-40mV
0V
0V
+160mV
HS-2700RH


Similar Part No. - 5962D9567002VCA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962D9567101VPA INTERSIL-5962D9567101VPA Datasheet
87Kb / 5P
   Radiation Hardened Wideband, High Impedance Operational Amplifier
5962D9567101VPC INTERSIL-5962D9567101VPC Datasheet
87Kb / 5P
   Radiation Hardened Wideband, High Impedance Operational Amplifier
More results

Similar Description - 5962D9567002VCA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
   Low Power, Radiation Hardened Programmable Operational Amplifier
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-2510RH INTERSIL-HS-2510RH Datasheet
86Kb / 7P
   Radiation Hardened High Slew Rate Operational Amplifier
ISL70419SEH INTERSIL-ISL70419SEH Datasheet
1Mb / 22P
   Radiation Hardened 36V Quad Precision Low Power Operational Amplifier With Enhanced SET Performance
July 11, 2014
HS-2600RH INTERSIL-HS-2600RH Datasheet
87Kb / 5P
   Radiation Hardened Wideband, High Impedance Operational Amplifier
HS-1254RH INTERSIL-HS-1254RH Datasheet
18Kb / 3P
   Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com