Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-303RH883S Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS-303RH883S
Description  Radiation Hardened CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-303RH883S Datasheet(HTML) 4 Page - Intersil Corporation

  HS-303RH883S Datasheet HTML 1Page - Intersil Corporation HS-303RH883S Datasheet HTML 2Page - Intersil Corporation HS-303RH883S Datasheet HTML 3Page - Intersil Corporation HS-303RH883S Datasheet HTML 4Page - Intersil Corporation HS-303RH883S Datasheet HTML 5Page - Intersil Corporation HS-303RH883S Datasheet HTML 6Page - Intersil Corporation HS-303RH883S Datasheet HTML 7Page - Intersil Corporation HS-303RH883S Datasheet HTML 8Page - Intersil Corporation HS-303RH883S Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Specifications HS-3XXRH/883S
Absolute Maximum Ratings
Reliability Information
Supply Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . +44V
+VSUPPLY to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +22V
-VSUPPLY to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-22V
Analog Input Overvoltages:
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VSUPPLY +1.5V
-VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-VSUPPLY - 1.5V
Digital Input Overvoltage:
+VA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+VSUPPLY +4V
-VA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-VSUPPLY -4V
Peak Current, S or D Pulsed at 1ms, 10% Duty Cycle Max . . . 40mA
Continuous Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Lead Temperature (soldering 10s)
. . . . . . . . . . . . . . . . . . . . .≤ +300oC
Thermal Resistance
θ
JA
θ
JC
14 Lead SBDIP Package . . . . . . . . . . . . .
70oC/W
19oC/W
14 Lead Ceramic Flatpack Package . . . .
105oC/W
17oC/W
16 Lead SBDIP Package . . . . . . . . . . . . .
70oC/W
19oC/W
16 Lead Ceramic Flatpack Package . . . .
105oC/W
17oC/W
Maximum Package Power Dissipation at +125oC Ambient
14 Lead SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.71W
14 Lead Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . 0.48W
16 Lead SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.71W
16 Lead Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . .0.48
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
14 Lead SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . 14.3mW/oC
14 Lead Ceramic Flatpack Package . . . . . . . . . . . . . . . 9.5mW/oC
16 Lead SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . 14.3mW/oC
16 Lead Ceramic Flatpack Package . . . . . . . . . . . . . . . 9.5mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Supply Voltage (
± VSupply) . . . . . . . . . . . . . . . . . . . . . ±15V
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
TABLE 1. HS-302RH/303RH/384RH/390RH/883S DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Guaranteed and 100% Tested. Unless Otherwise Specified: V- = -15V, V+ = +15V, VAH = +4.0V, VAL = 0.8V
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
“Switch On” Resistance
+RDS
VD = 10V, IS = -10mA,
S1/S2/S3/S4
1
+25oC-
50
2, 3
-55oC to +125oC-
75
-RDS
VD = -10V, IS = 10mA,
S1/S2/S3/S4
1
+25oC-
50
2, 3
-55oC to +125oC-
75
Leakage Current Into
the Source Terminal of
an “Off” Switch
+IS(OFF)
VS = +14V, VD = -14V,
S1/S2/S3/S4
1
+25oC-2
2
nA
2, 3
-55oC to +125oC
-100
100
nA
-IS(OFF)
VS = -14V, VD = +14V,
S1/S2/S3/S4
1
+25oC-2
2
nA
2, 3
-55oC to +125oC
-100
100
nA
Leakage Current into
the Drain Terminal of an
“Off” Switch
+ID(OFF)
VS = -14V, VD = +14V,
S1/S2/S3/S4
1
+25oC-2
2
nA
2, 3
-55oC to +125oC
-100
100
nA
-ID(OFF)
VS = +14V, VD = -14V,
S1/S2/S3/S4
1
+25oC-2
2
nA
2, 3
-55oC to +125oC
-100
100
nA
Leakage Current from
an “On” Driver Into the
Switch (Drain & Source)
+ID(ON)
VS = VD = +14V,
S1/S2/S3/S4
1
+25oC-2
2
nA
2, 3
-55oC to +125oC
-100
100
nA
-ID(ON)
VS = VD = -14V,
S1/S2/S3/S4
1
+25oC-2
2
nA
2, 3
-55oC to +125oC
-100
100
nA
Low Level Input
Address Current
IAL
All Channels VA = 0.8V
1
+25oC-1
1
µA
2, 3
-55oC to +125oC-1
1
µA
High Level Input
Address Current
IAH
All Channels VA = 4.0V
1
+25oC-1
1
µA
2, 3
-55oC to +125oC-1
1
µA
Spec Number
518526


Similar Part No. - HS-303RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
More results

Similar Description - HS-303RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302RH-T INTERSIL-HS-302RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual DPST Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS-302RH RENESAS-HS-302RH Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com