Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962D9568802VPC Datasheet(PDF) 2 Page - Intersil Corporation

Part # 5962D9568802VPC
Description  Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962D9568802VPC Datasheet(HTML) 2 Page - Intersil Corporation

  5962D9568802VPC Datasheet HTML 1Page - Intersil Corporation 5962D9568802VPC Datasheet HTML 2Page - Intersil Corporation 5962D9568802VPC Datasheet HTML 3Page - Intersil Corporation 5962D9568802VPC Datasheet HTML 4Page - Intersil Corporation 5962D9568802VPC Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Test Circuit
NOTE: Includes stray capacitances.
FIGURE 1. TEST LOOP FOR THE HS-2620RH AND THE HS-2622RH
S5A
2
1
VAC
100
100
+VCC
S5B
2
1
+
OPEN 1
2
3
S8
2K
10K
-VEE
OPEN
S9
1
2
50
50pF (NOTE)
1
+
V2
EOUT
S4
2
1
5K
50K
1
100K
S1
+
50K
V1
S2
S6
1
2
DUT
S3B
2
OPEN
1
1
0.1
2
3
OPEN
1
S7
RAL
ADJ
500K
BUFFER
FOR LOOP STABILITY,
USE MIN VALUE CAPACITOR
TO PREVENT OSCILLATION
OPEN 2
OPEN 2
100K
S3A
1
0.1
x 2
400
1.6K
1 OPEN
2
ALL RESISTORS =
±1% (Ω)
ALL CAPACITORS =
±10% (µF)
-1/10
-
-
ACOUT
-
1
Test Circuits and Waveforms
FIGURE 2. SIMPLIFIED TEST CIRCUIT
FIGURE 3. SLEW RATE WAVEFORM
NOTE: Measured on both positive and negative transitions. Capacitance at Compensation pin should be minimized.
FIGURE 4. OVERSHOOT, RISE AND FALL TIME WAVEFORMS
50pF
+
1.6K
400
VAC IN
VAC OUT
50
-
+5.0V
-5.0V
∆ T
+5.0V
-5.0V
∆ T
∆T
∆V
SR =
∆V
OUTPUT
∆V
+1.0V
-1.0V
+1.0V
-1.0V
INPUT
+SL
-SL
+40mV
0V
0V
-40mV
INPUT
tr, +OS
tf, -OS
OUTPUT
90%
tr
tf
VPEAK
VFINAL = +200mV
-200mV
10%
0V
10%
0V
90%
VPEAK
HS-2620RH, HS-2622RH


Similar Part No. - 5962D9568802VPC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962D9568501VGA INTERSIL-5962D9568501VGA Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
5962D9568501VGA INTERSIL-5962D9568501VGA Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
5962D9568501VPA INTERSIL-5962D9568501VPA Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
5962D9568501VPA INTERSIL-5962D9568501VPA Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
5962D9568501VPC INTERSIL-5962D9568501VPC Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
More results

Similar Description - 5962D9568802VPC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620 Datasheet
120Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
HA-2620 INTERSIL-HA-2620_06 Datasheet
317Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
logo
Renesas Technology Corp
HA-2620 RENESAS-HA-2620 Datasheet
273Kb / 12P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
logo
Intersil Corporation
HS-2600RH INTERSIL-HS-2600RH Datasheet
87Kb / 5P
   Radiation Hardened Wideband, High Impedance Operational Amplifier
logo
Harris Corporation
HA-2622 HARRIS-HA-2622 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com