Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R9XXXX01QRC Datasheet(PDF) 6 Page - Intersil Corporation

Part # 5962R9XXXX01QRC
Description  Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9XXXX01QRC Datasheet(HTML) 6 Page - Intersil Corporation

  5962R9XXXX01QRC Datasheet HTML 1Page - Intersil Corporation 5962R9XXXX01QRC Datasheet HTML 2Page - Intersil Corporation 5962R9XXXX01QRC Datasheet HTML 3Page - Intersil Corporation 5962R9XXXX01QRC Datasheet HTML 4Page - Intersil Corporation 5962R9XXXX01QRC Datasheet HTML 5Page - Intersil Corporation 5962R9XXXX01QRC Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
HS-3374RH
Metallization Topology
DIE DIMENSIONS:
89.4 mils x 76.0 mils x 14 mils
±1 mil
METALLIZATION:
Type: AlSi
Thickness: 8k
Å
±1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 11k
Å
±2kÅ
Metallization Mask Layout
HS-3374RH
(20) B1
A2 (4)
(19) B2
(18) B3
(17) B4
(16) B5
(15) B6
(14) B7
A3 (5)
A4 (6)
A5 (7)
A6 (8)
A7 (9)
Spec Number
518052


Similar Part No. - 5962R9XXXX01QRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R9166702V9A TI1-5962R9166702V9A Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
5962R9166704VYA TI1-5962R9166704VYA Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
5962R9452602V9A TI1-5962R9452602V9A Datasheet
637Kb / 22P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
5962R9452602VGA TI1-5962R9452602VGA Datasheet
637Kb / 22P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
5962R9452602VPA TI1-5962R9452602VPA Datasheet
637Kb / 22P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - 5962R9XXXX01QRC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
logo
Harris Corporation
CD40116 HARRIS-CD40116 Datasheet
382Kb / 6P
   CMOS HIGH-SPEED 8-BIT BIDIRECTIONAL CMOS/TTL INTERFACE LEVEL CONVERTER
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_16 Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com