Electronic Components Datasheet Search |
|
5082-5507-HI000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
5082-5507-HI000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 11 page 5 Electrical/Optical Characteristics at TA = 25°C Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity/Segment[1,2,5] IV 9.1 16.0 mcd IF = 20 mA (Digit Average) 1.8 IF = 20 mA Forward Voltage/Segment or DP VF V 2.0 3.0 IF = 100 mA H15X Peak Wavelength λ PEAK 645 nm Dominant Wavelength[3] λ d 637 nm Reverse Voltage/Segment or DP[4] VR 3.0 15 V IR = 100 µA Temperature Coefficient of ∆V F/°C -2 mV/ °C VF/Segment or DP Thermal Resistance LED Junction- R θ J-Pin 400 °C/W/ to-Pin Seg AlGaAs Red Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions 900 2800 IF = 10 mA Luminous Intensity/Segment[1,2,6] IV µcd (Digit Average) 3700 IF = 60 mA Peak: 1 of 6 df Forward Voltage/Segment or DP VF 2.1 2.5 V IF = 20 mA 55XX Peak Wavelength λ PEAK 635 nm Dominant Wavelength[3] λ d 626 nm Reverse Voltage/Segment or DP[4] VR 3.0 30 V IR = 100 µA Temperature Coefficient of ∆V F/°C -2 mV/ °C VF/Segment or DP Thermal Resistance LED Junction- R θ J-Pin 345 °C/W/ to-Pin Seg High Efficiency Red |
Similar Part No. - 5082-5507-HI000 |
|
Similar Description - 5082-5507-HI000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |