Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3V-50 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M3V-50
Description  Three-Way Power Dividers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M3V-50 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M3V-50_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M3V-50_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Three-Way Power Dividers,
1 - 100 MHz and 50 - 300 MHz
Rev. V3
M3H-50 / M3V-50
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Isolation - Ports 1 - 3
Insertion Loss - Ports 2 - 3, 2 - 1
VSWR
Ordering Information
Part Number
Package
M3H-50 PIN
TO-5-2
M3V-50 PIN
TO-5-2


Similar Part No. - M3V-50_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M3V-50PIN MA-COM-M3V-50PIN Datasheet
66Kb / 2P
   Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
More results

Similar Description - M3V-50_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M3V-50 MA-COM-M3V-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers
M3H-50 MA-COM-M3H-50_15 Datasheet
66Kb / 2P
   Three-Way Power Dividers
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
   Three-Way Power Dividers 1 - 300 MHz
logo
M/A-COM Technology Solu...
2090SERIES MA-COM-2090SERIES Datasheet
135Kb / 3P
   Three-Way Isolated Power Dividers Tapered Ultra-Broadband
2090 MA-COM-2090_15 Datasheet
472Kb / 4P
   Three-Way Isolated Power Dividers Tapered, Ultra-Broadband
2090 MA-COM-2090 Datasheet
135Kb / 3P
   Three-Way Isolated Power Dividers Tapered, Ultra-Broadband
logo
Filtronic Compound Semi...
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
   POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
logo
Anaren Microwave
4A0279 ANAREN-4A0279_14 Datasheet
202Kb / 4P
   Power Dividers 4-Way
4A0286 ANAREN-4A0286_14 Datasheet
217Kb / 4P
   Power Dividers 8-Way
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com