Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS2-3530RH Datasheet(PDF) 5 Page - Intersil Corporation

Part # HS2-3530RH
Description  Low Power, Radiation Hardened Programmable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS2-3530RH Datasheet(HTML) 5 Page - Intersil Corporation

  HS2-3530RH Datasheet HTML 1Page - Intersil Corporation HS2-3530RH Datasheet HTML 2Page - Intersil Corporation HS2-3530RH Datasheet HTML 3Page - Intersil Corporation HS2-3530RH Datasheet HTML 4Page - Intersil Corporation HS2-3530RH Datasheet HTML 5Page - Intersil Corporation HS2-3530RH Datasheet HTML 6Page - Intersil Corporation HS2-3530RH Datasheet HTML 7Page - Intersil Corporation HS2-3530RH Datasheet HTML 8Page - Intersil Corporation HS2-3530RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
766
Specifications HS-3530RH
TABLE 4. POST RAD DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
TEMPERATURE
MIN
MAX
UNITS
Open Loop Voltage Gain
AVOL
VSUPPLY =
±15V
ISET = 15
µA
+25oC
15
-
kV/V
Input Offset Voltage
VIO
VSUPPLY =
±15V
ISET = 15
µA
+25oC
-
5.0
mV
TABLE 5. BURN-IN DELTA PARAMETERS GROUP B, SUBGROUPS 5 (TA = +25
oC)
PARAMETER
DELTA LIMIT
VIO
±0.5mV
IBIAS
±30nA
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE
GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
TESTED FOR -Q
RECORDED
FOR -Q
TESTED FOR -8
RECORDED
FOR -8
Initial Test
100% 5004
1, 4, 9
1 (Note 2)
1, 4, 9
Interim Test
100% 5004
1, 4, 9,
1,
∆ (Note 2)
1, 4, 9
PDA
100% 5004
1,
-1
Final Test
100% 5004
2, 3, 5, 6
-
2, 3, 5, 6
Group A (Note 1)
Sample 5005
1, 2, 3, 4, 5, 6, 9
-
1, 2, 3, 4, 5, 6, 9
Subgroup B5
Sample 5005
1, 2, 3, 4, 5, 6, 9,
1, 2, 3,
∆ (Note 2)
-
Subgroup B6
Sample 5005
1, 4, 9
-
-
Group C
Sample 5005
-
-
1, 2, 3, 4, 5, 6, 9
Group D
Sample 5005
1, 4, 9
-
1, 4, 9
Group E, Subgroup 2
Sample 5005
1
-
1
NOTES:
1. Alternate Group A testing in accordance with MIL-STD-883 method 5005 may be exercised.
2. Table 5 parameters only
Spec Number
518079


Similar Part No. - HS2-3530RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS2-3530AEH-Q INTERSIL-HS2-3530AEH-Q Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
HS2-3530ARH INTERSIL-HS2-3530ARH Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
HS2-3530ARH INTERSIL-HS2-3530ARH Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
HS2-3530ARH-8 INTERSIL-HS2-3530ARH-8 Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
HS2-3530ARH-8 INTERSIL-HS2-3530ARH-8 Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
More results

Similar Description - HS2-3530RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
   Low Power, High Performance Radiation Hardened Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
HS-3530ARH INTERSIL-HS-3530ARH_12 Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
logo
Intersil Corporation
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com