Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1311 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG1311
Description  15 V/12 V Quad SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1311 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG1311_15 Datasheet HTML 4Page - Analog Devices ADG1311_15 Datasheet HTML 5Page - Analog Devices ADG1311_15 Datasheet HTML 6Page - Analog Devices ADG1311_15 Datasheet HTML 7Page - Analog Devices ADG1311_15 Datasheet HTML 8Page - Analog Devices ADG1311_15 Datasheet HTML 9Page - Analog Devices ADG1311_15 Datasheet HTML 10Page - Analog Devices ADG1311_15 Datasheet HTML 11Page - Analog Devices ADG1311_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG1311/ADG1312/ADG1313
Rev. A | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = +15V
VSS = –15V
SOURCE OR DRAIN VOLTAGE (V)
200
180
160
140
120
100
60
80
0
20
40
–15
–12
–9
–6
–3
3
9
0
6
12
15
TA = 25°C
Figure 3. On Resistance as a Function of VD (VS) for Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
450
400
350
300
250
150
200
0
50
100
02
46
8
10
12
VDD = 12V
VSS = 0V
TA = 25°C
Figure 4. On Resistance as a Function of VD (VS) for Single Supply
SOURCE OR DRAIN VOLTAGE (V)
250
150
200
0
50
100
–15
–10
–5
0
5
10
15
VDD = +15V
VSS = –15V
TA = +25°C
TA = +85°C
TA = –40°C
Figure 5. On Resistance as a Function of VD (VS) for Different
Temperatures, Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
600
400
500
300
200
0
100
02
4
6
8
10
12
VDD = 12V
VSS = 0V
TA = +25°C
TA = +85°C
TA = –40°C
Figure 6. On Resistance as a Function of VD (VS) for Different
Temperatures, Single Supply
TEMPERATURE (
°C)
200
160
180
140
100
60
20
120
80
40
0
–40
–20
40
20
0
60
80
100
120
15V DS TOFF
12V SS TOFF
15V DS TON
12V SS TON
Figure 7. TON/TOFF Times vs. Temperature
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
10k
100k
1M
10M
100M
1G
VDD = +15V
VSS = –15V
TA = 25°C
Figure 8. Off Isolation vs. Frequency


Similar Part No. - ADG1311_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1311YRUZ AD-ADG1311YRUZ Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
ADG1311YRUZ-REEL7 AD-ADG1311YRUZ-REEL7 Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
ADG1311YRZ AD-ADG1311YRZ Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
ADG1311YRZ-REEL7 AD-ADG1311YRZ-REEL7 Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
More results

Similar Description - ADG1311_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311 Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com