Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1413 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1413
Description  CMOS, Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1413 Datasheet(HTML) 3 Page - Analog Devices

  ADG1413_15 Datasheet HTML 1Page - Analog Devices ADG1413_15 Datasheet HTML 2Page - Analog Devices ADG1413_15 Datasheet HTML 3Page - Analog Devices ADG1413_15 Datasheet HTML 4Page - Analog Devices ADG1413_15 Datasheet HTML 5Page - Analog Devices ADG1413_15 Datasheet HTML 6Page - Analog Devices ADG1413_15 Datasheet HTML 7Page - Analog Devices ADG1413_15 Datasheet HTML 8Page - Analog Devices ADG1413_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG1411/ADG1412/ADG1413
Rev. B | Page 3 of 16
SPECIFICATIONS
±15 V DUAL SUPPLY
VDD = 15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance, RON
1.5
Ω typ
VS = ±10 V, IS = −10 mA; see Figure 23
1.8
2.3
2.6
Ω max
VDD = +13.5 V, VSS = −13.5 V
On-Resistance Match
Between Channels, ∆RON
0.1
Ω typ
VS = ±10 V , IS = −10 mA
0.18
0.19
0.21
Ω max
On-Resistance Flatness, RFLAT(ON)
0.3
Ω typ
VS = ±10 V, IS = −10 mA
0.36
0.4
0.45
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
±0.03
nA typ
VS = ±10 V, VD =
∓10 V; see Figure 24
±0.55
±2
±12.5
nA max
Drain Off Leakage, ID (Off)
±0.03
nA typ
VS = ±10 V, VD =
∓10 V; see Figure 24
±0.55
±2
±12.5
nA max
Channel On Leakage, ID, IS (On)
±0.15
nA typ
VS = VD = ±10 V; see Figure 25
±2
±4
±30
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
µA typ
VIN = VGND or VDD
±0.1
µA max
Digital Input Capacitance, CIN
3.5
pF typ
DYNAMIC CHARACTERISTICS1
tON
100
ns typ
RL = 300 Ω, CL = 35 pF
150
170
190
ns max
VS = 10 V; see Figure 30
tOFF
90
ns typ
RL = 300 Ω, CL = 35 pF
120
140
160
ns max
VS = 10 V; see Figure 30
Break-Before-Make Time Delay, tD
(ADG1413 Only)
25
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 10 V; see Figure 31
Charge Injection, QINJ
−20
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 32
Off Isolation
−80
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz; see Figure 26
Channel-to-Channel Crosstalk
−100
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 27
Total Harmonic Distortion + Noise
0.014
% typ
RL = 110 Ω, 15 V p-p, f = 20 Hz to 20 kHz;
see Figure 29
−3 dB Bandwidth
170
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 28
Insertion Loss
−0.35
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 28
CS (Off)
23
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
23
pF typ
VS = 0 V, f = 1 MHz
CD, CS (On)
116
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.001
µA typ
Digital inputs = 0 V or VDD
1
µA max
IDD
220
µA typ
Digital inputs = 5 V
380
µA max
ISS
0.001
µA typ
Digital inputs = 0 V or VDD
1
µA max
VDD/VSS
±4.5/±16.5
V min/V max
GND = 0 V
1 Guaranteed by design; not subject to production test.


Similar Part No. - ADG1413_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1413YCPZ-500RL7 AD-ADG1413YCPZ-500RL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1413YCPZ-REEL7 AD-ADG1413YCPZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1413YRUZ AD-ADG1413YRUZ Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1413YRUZ-REEL AD-ADG1413YRUZ-REEL Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1413YRUZ-REEL7 AD-ADG1413YRUZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results

Similar Description - ADG1413_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com