Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG2128 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG2128
Description  Switch Array With Dual/Single Supplies
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2128 Datasheet(HTML) 1 Page - Analog Devices

  ADG2128_15 Datasheet HTML 1Page - Analog Devices ADG2128_15 Datasheet HTML 2Page - Analog Devices ADG2128_15 Datasheet HTML 3Page - Analog Devices ADG2128_15 Datasheet HTML 4Page - Analog Devices ADG2128_15 Datasheet HTML 5Page - Analog Devices ADG2128_15 Datasheet HTML 6Page - Analog Devices ADG2128_15 Datasheet HTML 7Page - Analog Devices ADG2128_15 Datasheet HTML 8Page - Analog Devices ADG2128_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
I2C® CMOS 8 × 12 Unbuffered Analog
Switch Array With Dual/Single Supplies
Data Sheet
ADG2128
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
I2C-compatible interface
3.4 MHz high speed I2C option
32-lead LFCSP_VQ (5 mm × 5 mm)
Double-buffered input logic
Simultaneous update of multiple switches
Up to 300 MHz bandwidth
Fully specified at dual ±5 V/single +12 V operation
On resistance 35 Ω maximum
Low quiescent current < 20 µA
Qualified for automotive applications
APPLICATIONS
AV switching in TV
Automotive infotainment
AV receivers
CCTV
Ultrasound applications
KVM switching
Telecom applications
Test equipment/instrumentation
PBX systems
GENERAL DESCRIPTION
The ADG2128 is an analog cross point switch with an
array size of 8 × 12. The switch array is arranged so that
there are eight columns by 12 rows, for a total of 96 switch
channels. The array is bidirectional, and the rows and columns
can be configured as either inputs or outputs. Each of the 96
switches can be addressed and configured through the I2C-
compatible interface. Standard, full speed, and high speed
(3.4 MHz) I2C interfaces are supported. Any simultaneous
switch combination is allowed. An additional feature of the
ADG2128 is that switches can be updated simultaneously,
using the LDSW command. In addition, a RESET option
allows all of the switch channels to be reset/off. At power-on,
all switches are in the off condition. The device is packaged
in a 32-lead, 5 mm × 5 mm LFCSP_VQ.
FUNCTIONAL BLOCK DIAGRAM
ADG2128
VDD
VSS
VL
SCL
SDA
X0 TO X11 (I/O)
8 × 12 SWITCH ARRAY
LDSW
96
1
96
1
INPUT
REGISTER
AND
7 TO 96
DECODER
LATCHES
LDSW
GND
A0
A1
A2
Y0 TO Y7 (I/O)
Figure 1.


Similar Part No. - ADG2128_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG2128BCPZ-HS-RL7 AD-ADG2128BCPZ-HS-RL7 Datasheet
759Kb / 28P
   IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
REV. A
ADG2128BCPZ-REEL AD-ADG2128BCPZ-REEL Datasheet
759Kb / 28P
   IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
REV. A
ADG2128BCPZ-REEL7 AD-ADG2128BCPZ-REEL7 Datasheet
759Kb / 28P
   IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
REV. A
ADG2128YCPZ-HS-RL7 AD-ADG2128YCPZ-HS-RL7 Datasheet
759Kb / 28P
   IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
REV. A
ADG2128YCPZ-REEL AD-ADG2128YCPZ-REEL Datasheet
759Kb / 28P
   IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
REV. A
More results

Similar Description - ADG2128_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG2108 AD-ADG2108_15 Datasheet
494Kb / 28P
   Switch Array with Dual/Single Supplies
REV. B
ADG2128 AD-ADG2128 Datasheet
759Kb / 28P
   IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
REV. A
ADG2188 AD-ADG2188 Datasheet
720Kb / 28P
   IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
   I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
REV. 0
logo
Eutech Microelectronics...
EUP3506 EUTECH-EUP3506 Datasheet
391Kb / 1P
   Dual 1.5A Line Switch with Dual 1.5A Line Switch with
logo
Analog Devices
AD75019 AD-AD75019_15 Datasheet
76Kb / 4P
   Crosspoint Switch Array
REV. C
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
logo
Qorvo, Inc
QM13244 QORVO-QM13244 Datasheet
341Kb / 5P
   4xSPST (Dual Single-Pole-Single-Throw Switch)
logo
Nexperia B.V. All right...
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66 NXP-74HC2G66 Datasheet
203Kb / 21P
   Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com