Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3241 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG3241
Description  2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3241 Datasheet(HTML) 1 Page - Analog Devices

  ADG3241_15 Datasheet HTML 1Page - Analog Devices ADG3241_15 Datasheet HTML 2Page - Analog Devices ADG3241_15 Datasheet HTML 3Page - Analog Devices ADG3241_15 Datasheet HTML 4Page - Analog Devices ADG3241_15 Datasheet HTML 5Page - Analog Devices ADG3241_15 Datasheet HTML 6Page - Analog Devices ADG3241_15 Datasheet HTML 7Page - Analog Devices ADG3241_15 Datasheet HTML 8Page - Analog Devices ADG3241_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2.5 V/3.3 V, 1-Bit, 2-Port
Level Translator Bus Switch in SOT-66
ADG3241
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FUNCTIONAL BLOCK DIAGRAM
FEATURES
225 ps propagation delay through the switch
BE
A
B
4.5 Ω switch connection between ports
Data rate 1.5 Gbps
2.5 V/3.3 V supply operation
Selectable level shifting/translation
Level translation
Figure 1.
3.3 V to 2.5 V
3.3 V to 1.8 V
2.5 V to 1.8 V
Small signal bandwidth 770 MHz
Tiny 6-lead SC70 package and 6-lead SOT-66 package
APPLICATIONS
3.3 V to 1.8 V voltage translation
3.3 V to 2.5 V voltage translation
2.5 V to 1.8 V voltage translation
Bus switching
Bus isolation
Hot swap
Hot plug
Analog switch applications
GENERAL DESCRIPTION
The ADG3241 is a 2.5 V or 3.3 V single digital switch. It is
designed on a low voltage CMOS process that provides low
power dissipation yet gives high switching speed and very low
on resistance. This allows the input to be connected to the
output without additional propagation delay or generating
additional ground bounce noise.
The switch is enabled by means of the bus enable (BE) input
signal. This digital switch allows a bidirectional signal to be
switched when on. In the off condition, signal levels up to the
supplies are blocked.
This device is ideal for applications requiring level translation.
When operated from a 3.3 V supply, level translation from 3.3 V
inputs to 2.5 V outputs is allowed. Similarly, if the device is
operated from a 2.5 V supply and 2.5 V inputs are applied, the
device translates the outputs to 1.8 V. In addition to this, a level
translating select pin (SEL
SEL
) is included. When
is low, VCC is
reduced internally, allowing for level translation between 3.3 V
inputs and 1.8 V outputs. This makes the device suited to
applications requiring level translation between different
supplies, such as converter to DSP/microcontroller interfacing.
PRODUCT HIGHLIGHTS
1.
3.3 V or 2.5 V supply operation.
2.
Extremely low propagation delay through switch.
3.
4.5 Ω switches connect inputs to outputs.
4.
Level and voltage translation.
5.
Tiny, SC70 package and SOT-66 package.


Similar Part No. - ADG3241_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3241BKS-500RL7 AD-ADG3241BKS-500RL7 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241BKS-500RL7 AD-ADG3241BKS-500RL7 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241BKS-REEL AD-ADG3241BKS-REEL Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241BKS-REEL7 AD-ADG3241BKS-REEL7 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241BKS-REEL7 AD-ADG3241BKS-REEL7 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
More results

Similar Description - ADG3241_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_06 Datasheet
399Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3243 AD-ADG3243_15 Datasheet
216Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_V01 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com