Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3243 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG3243
Description  2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3243 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG3243_15 Datasheet HTML 2Page - Analog Devices ADG3243_15 Datasheet HTML 3Page - Analog Devices ADG3243_15 Datasheet HTML 4Page - Analog Devices ADG3243_15 Datasheet HTML 5Page - Analog Devices ADG3243_15 Datasheet HTML 6Page - Analog Devices ADG3243_15 Datasheet HTML 7Page - Analog Devices ADG3243_15 Datasheet HTML 8Page - Analog Devices ADG3243_15 Datasheet HTML 9Page - Analog Devices ADG3243_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
–6–
ADG3243
VA/VB (V)
–2.0
0
0.5
–1.0
–0.2
1.5
2.5
–0.4
–0.6
–0.8
–1.2
–1.4
–1.8
1.0
2.0
3.0
–1.6
0
VCC = 3.3V
VCC = 2.5V
TA = 25 C
ON
OFF
CL = InF
TPC 10. Charge Injection vs.
Source Voltage
FREQUENCY (MHz)
0.1
1000
110
–90
0
TA = 25 C
VCC = 3.3V/2.5V
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50
–100
–80
–70
–60
–50
–40
–30
–20
–10
100
TPC 13. Off Isolation vs. Frequency
DATA RATE (Gbps)
0.5
60
70
80
85
90
95
100
75
65
55
50
1.5
1.3
1.1
0.9
0.7
1.7
1.9
VCC = 3.3V
VIN = 1.5V p-p
20dB ATTENUATION
% EYE WIDTH = ((CLOCK PERIOD –
JITTER p-p)/CLOCK PERIOD)
100%
TPC 16. Eye Width vs. Data Rate;
PRBS 31
FREQUENCY (MHz)
0
0.03
0.1
1000
–2
110
100
–4
–6
–8
–10
–12
TA = 25 C
VCC = 3.3V/2.5V
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50
–14
TPC 11. Bandwidth vs. Frequency
4.0
3.5
3.0
–40
–20
0
TEMPERATURE ( C)
20
80
60
40
2.5
2.0
1.5
1.0
0.5
0
VCC = 3.3V
ENABLE
DISABLE
ENABLE
DISABLE
VCC = 2.5V
TPC 14. Enable/Disable Time
vs. Temperature
VCC = 3.3V
VIN = 1.5V p-p
20dB
ATTENUATION
TA = 25 C
50mV/DIV
200ps/DIV
TPC 17. Eye Pattern; 1.5 Gbps,
VCC = 3.3 V, PRBS 31
0
–20
–10
–40
–30
–60
–50
0.03 0.1
1.0
FREQUENCY (MHz)
10
1000
100
–80
–90
–70
–100
TA = 25 C
VCC = 3.3V/2.5V
VIN = 0dBm
N/W ANALYZER
RL = RS = 50
TPC 12. Crosstalk vs. Frequency
DATA RATE (Gbps)
0.5
60
70
80
90
100
50
40
30
20
10
0
VCC = 3.3V
VIN = 1.5V p-p
20dB ATTENUATION
0.7
0.9
1.1
1.3
1.5
1.7
1.9
TPC 15. Jitter vs. Data Rate;
PRBS 31
20mV/DIV
200ps/DIV
VCC = 2.5V
VIN = 1.5V p-p
20dB
ATTENUATION
TA = 25 C
TPC 18. Eye Pattern; 1.244 Gbps,
VCC = 2.5 V, PRBS 31


Similar Part No. - ADG3243_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3243BRJ-R2 AD-ADG3243BRJ-R2 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3243BRJ-REEL AD-ADG3243BRJ-REEL Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3243BRJ-REEL7 AD-ADG3243BRJ-REEL7 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
More results

Similar Description - ADG3243_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_06 Datasheet
399Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242_V01 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241 AD-ADG3241_15 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. B
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com