Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3243 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG3243
Description  2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3243 Datasheet(HTML) 2 Page - Analog Devices

  ADG3243_15 Datasheet HTML 1Page - Analog Devices ADG3243_15 Datasheet HTML 2Page - Analog Devices ADG3243_15 Datasheet HTML 3Page - Analog Devices ADG3243_15 Datasheet HTML 4Page - Analog Devices ADG3243_15 Datasheet HTML 5Page - Analog Devices ADG3243_15 Datasheet HTML 6Page - Analog Devices ADG3243_15 Datasheet HTML 7Page - Analog Devices ADG3243_15 Datasheet HTML 8Page - Analog Devices ADG3243_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
ADG3243–SPECIFICATIONS1
B Version
Parameter
Symbol
Conditions
Min
Typ
2
Max
Unit
DC ELECTRICAL CHARACTERISTICS
Input High Voltage
VINH
VCC = 2.7 V to 3.6 V
2.0
V
VINH
VCC = 2.3 V to 2.7 V
1.7
V
Input Low Voltage
VINL
VCC = 2.7 V to 3.6 V
0.8
V
VINL
VCC = 2.3 V to 2.7 V
0.7
V
Input Leakage Current
II
±0.01
±1
µA
OFF State Leakage Current
IOZ
0
≤ A, B ≤ V
CC
±0.01
±1
µA
ON State Leakage Current
0
≤ A, B ≤ V
CC
±0.01
±1
µA
Maximum Pass Voltage
VP
VA/VB = VCC = 3.3 V, IO = –5
µA
2.0
2.5
2.9
V
VA/VB = VCC = 2.5 V, IO= –5
µA
1.5
1.8
2.1
V
CAPACITANCE
3
A Port Off Capacitance
CA OFF
f = 1 MHz
3.5
pF
B Port Off Capacitance
CB OFF
f = 1 MHz
3.5
pF
A, B Port On Capacitance
CA, CB ON f = 1 MHz
7
pF
Control Input Capacitance
CIN
f = 1 MHz
4
pF
SWITCHING CHARACTERISTICS
3
Propagation Delay A to B or B to A, tPD
4
tPHL, tPLH
CL = 50 pF, VCC = 3 V
225
ps
Propagation Delay Matching
5
5ps
Bus Enable Time
BEx to A or B6
tPZH, tPZL
VCC = 3.0 V to 3.6 V
1
3.2
4.6
ns
Bus Disable Time
BEx to A or B6
tPHZ, tPLZ
VCC = 3.0 V to 3.6 V
1
3
4
ns
Bus Enable Time
BEx to A or B6
tPZH, tPZL
VCC = 2.3 V to 2.7 V
1
3
4
ns
Bus Disable Time
BEx to A or B6
tPHZ, tPLZ
VCC = 2.3 V to 2.7 V
1
2.5
3.4
ns
Maximum Data Rate
VCC = 3.3 V; VA/VB = 2 V
1.5
Gbps
Channel Jitter
VCC = 3.3 V; VA/VB = 2 V
45
ps p-p
DIGITAL SWITCH
On Resistance
RON
VCC = 3 V, VA = 0 V, IBA = 8 mA
4.5
8
VCC = 3 V, VA = 1.7 V, IBA = 8 mA
12
28
VCC = 2.3 V, VA = 0 V, IBA = 8 mA
5
9
VCC = 2.3 V, VA = 1 V, IBA = 8 mA
9
18
On Resistance Matching
RON
VCC = 3 V, VA = 0 V, IA = 8 mA
0.1
0.5
POWER REQUIREMENTS
VCC
2.3
3.6
V
Quiescent Power Supply Current
ICC
Digital Inputs = 0 V or VCC
0.01
1
µA
Increase in ICC per Input
7
ICC
VCC = 3.6 V, BE0 = 3.0 V, BE1 = VCC or GND
0.15
8
µA
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Typical values are at 25
°C, unless otherwise stated.
3Guaranteed by design, not subject to production test.
4The digital switch contributes no propagation delay other than the RC delay of the typical R
ON of the switch and the load capacitance when driven by an ideal voltage
source. Since the time constant is much smaller than the rise/fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay
of the digital switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
5Propagation delay matching between channels is calculated from the on resistance matching and load capacitance of 50 pF.
6See Timing Measurement Information section.
7This current applies to the control pin
BEx only. The A and B ports contribute no significant ac or dc currents as they transition.
Specifications subject to change without notice.
(VCC = 2.3 V to 3.6 V, GND = 0 V, all specifications TMIN to TMAX,
unless otherwise noted.)


Similar Part No. - ADG3243_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3243BRJ-R2 AD-ADG3243BRJ-R2 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3243BRJ-REEL AD-ADG3243BRJ-REEL Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3243BRJ-REEL7 AD-ADG3243BRJ-REEL7 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
More results

Similar Description - ADG3243_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_06 Datasheet
399Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242_V01 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241 AD-ADG3241_15 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. B
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com