Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3245 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG3245
Description  2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3245 Datasheet(HTML) 4 Page - Analog Devices

  ADG3245_15 Datasheet HTML 1Page - Analog Devices ADG3245_15 Datasheet HTML 2Page - Analog Devices ADG3245_15 Datasheet HTML 3Page - Analog Devices ADG3245_15 Datasheet HTML 4Page - Analog Devices ADG3245_15 Datasheet HTML 5Page - Analog Devices ADG3245_15 Datasheet HTML 6Page - Analog Devices ADG3245_15 Datasheet HTML 7Page - Analog Devices ADG3245_15 Datasheet HTML 8Page - Analog Devices ADG3245_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV.
–4–
ADG3245
TERMINOLOGY
VCC
Positive Power Supply Voltage.
GND
Ground (0 V) Reference.
VINH
Minimum Input Voltage for Logic 1.
VINL
Maximum Input Voltage for Logic 0.
II
Input Leakage Current at the Control Inputs.
IOZ
OFF State Leakage Current. It is the maximum leakage current at the switch pin in the OFF state.
IOL
ON State Leakage Current. It is the maximum leakage current at the switch pin in the ON state.
VP
Maximum Pass Voltage. The maximum pass voltage relates to the clamped output voltage of an NMOS device
when the switch input voltage is equal to the supply voltage.
RON
Ohmic Resistance Offered by a Switch in the ON State. It is measured at a given voltage by forcing a specified
amount of current through the switch.
RON
On Resistance Match between Any Two Channels, i.e., RON Max – RON Min.
CX OFF
OFF Switch Capacitance.
CX ON
ON Switch Capacitance.
CIN
Control Input Capacitance. This consists of
BE and SEL.
ICC
Quiescent Power Supply Current. This current represents the leakage current between the VCC and ground pins.
It is measured when all control inputs are at a logic HIGH or LOW level and the switches are OFF.
ICC
Extra power supply current component for the
BE control input when the input is not driven at the supplies.
tPLH, tPHL
Data Propagation Delay through the Switch in the ON State. Propagation delay is related to the RC time constant
RON
¥ CL, where CL is the load capacitance.
tPZH, tPZL
Bus Enable Times. These are the times taken to cross the VT voltage at the switch output when the switch turns on
in response to the control signal,
BE.
tPHZ, tPLZ
Bus Disable Times. This is the time taken to place the switch in the high impedance OFF state in response to the control
signal. It is measured as the time taken for the output voltage to change by V from the original quiescent level,
with reference to the logic level transition at the control input. (Refer to Figure 3 for enable and disable times.)
Max Data Rate
Maximum Rate at which Data Can Be Passed through the Switch.
Channel Jitter
Peak-to-Peak Value of the Sum of the Deterministic and Random Jitter of the Switch Channel.
fBE
Operating Frequency of Bus Enable. This is the maximum frequency at which bus enable (
BE) can be toggled.
B


Similar Part No. - ADG3245_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3245BCPZ AD-ADG3245BCPZ Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3245BRU AD-ADG3245BRU Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3245BRU-REEL7 AD-ADG3245BRU-REEL7 Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3245BRUZ AD-ADG3245BRUZ Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
More results

Similar Description - ADG3245_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3247 AD-ADG3247_V01 Datasheet
12Mb / 12P
   2.5V/3.3V, 16-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3245 AD-ADG3245_V01 Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. PrE
logo
Pericom Semiconductor C...
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245_11 Datasheet
616Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
logo
Integrated Device Techn...
IDTQS3VH16210 IDT-IDTQS3VH16210 Datasheet
268Kb / 8P
   2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH
logo
ON Semiconductor
7WBD3305 ONSEMI-7WBD3305_14 Datasheet
107Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com