Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-565ARH Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS-565ARH
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-565ARH Datasheet(HTML) 3 Page - Intersil Corporation

  HS-565ARH Datasheet HTML 1Page - Intersil Corporation HS-565ARH Datasheet HTML 2Page - Intersil Corporation HS-565ARH Datasheet HTML 3Page - Intersil Corporation HS-565ARH Datasheet HTML 4Page - Intersil Corporation HS-565ARH Datasheet HTML 5Page - Intersil Corporation HS-565ARH Datasheet HTML 6Page - Intersil Corporation HS-565ARH Datasheet HTML 7Page - Intersil Corporation HS-565ARH Datasheet HTML 8Page - Intersil Corporation HS-565ARH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Specifications HS-565ARH
Absolute Maximum Ratings
Thermal Information
VCC to Power Ground . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +18V
VEE to Power Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to -18V
Voltage on DAC Output (Pin 9) . . . . . . . . . . . . . . . . . . . . -3V to +12V
Digital Input (Pins 13 - 24) to Power Ground . . . . . . . . . . -1V to +7V
Ref In to Reference Ground
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±12V
Bipolar Offset to Reference Ground
. . . . . . . . . . . . . . . . . . . . . . . ±12V
10V Span R to Reference Ground
. . . . . . . . . . . . . . . . . . . . . . . . . ±12V
20V Span R to Reference Ground
. . . . . . . . . . . . . . . . . . . . . . . . . ±24V
Junction Temperature (TJ) (Max) . . . . . . . . . . . . . . . . . . . . . +175oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
60
17
Ceramic Flatpack Package
80
15
Maximum Package Power Dissipation at +125oC
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.83W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.62W
If Device Power Exceeds Package Dissipation Capability, Provide
Heat Sinking or Derate Linearly at the Following Rate:
SBDIP Package
16.67mW/oC
Ceramic Flatpack Package
12.5mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range (VCC) . . . . . . . . . . . . . +11.4V to +16.5V
Operating Voltage Range (VEE). . . . . . . . . . . . . . . -11.4V to -16.5V
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Digital Input Low Voltage. . . . . . . . . . . . . . . . . . . . . . . . .0V to +0.8V
Digital Input High Voltage . . . . . . . . . . . . . . . . . . . . . +2.2V to +5.5V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUP
TEMPERATURE
LIMITS
UNITS
MIN
TYP
MAX
Resolution
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V
1, 2, 3
-55oC to +125oC
-
-
12
Bits
Accuracy
ILE
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V,
Error Relative to Full Scale
1, 2, 3
-55oC to +125oC-
±0.125
±0.75
LSB
Digital Input High Current
IIH
VSSD = VSSA = 0V, VIN = 5.5V
VCC = +15V, VEE = -15V
1, 2, 3
-55oC to +125oC
-
0.01
+1.0
µA
Digital Input Low Current
IIL
VSSD = VSSA = 0V, VIN = 0V
VCC = +15V, VEE = -15V
1, 2, 3
-55oC to +125oC
-20
-2.0
-
µA
Differential Nonlinearity
DLE
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V,
+25oC (Monotonicity
Guaranteed Over Temp)
1, 2, 3
-55oC to +125oC-
±0.25
±0.50
LSB
Power Supply Currents
VCC
ICC
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V
1, 2, 3
-55oC to +125oC
-
9.0
11.8
mA
VEE
IEE
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V
1, 2, 3
-55oC to +125oC
-14.5
-9.5
-
mA
Reference Output
Voltage
Ref Out
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V
1, 2, 3
-55oC to +125oC
9.9
10
10.1
V
Reference Output
Current
IREF
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V,
Available for external loads
1, 2, 3
-55oC to +125oC
1.5
2.5
-
mA
Output Current
Unipolar
IOUT1
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V,
All Bits On
1, 2, 3
-55oC to +125oC
-1.6
-2.0
-2.4
mA
Bipolar
IOUT2
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V,
All Bits On or Off
1, 2, 3
-55oC to +125oC
±0.8
±1.0
±1.2
mA
Spec Number
518795


Similar Part No. - HS-565ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565ARH INTERSIL-HS-565ARH Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS-565ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com