Electronic Components Datasheet Search |
|
5962R9675501VXC Datasheet(PDF) 1 Page - Intersil Corporation |
|
5962R9675501VXC Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 10 page CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © Harris Corporation 1996 1 Semiconductor HS-565ARH Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter Features • Devices QML Qualified in Accordance with MIL-PRF-38535 • Detailed Electrical and Screening Requirements are Contained in SMD# 5962-96755 and Harris’ QM Plan • DAC and Reference on a Single Chip • Pin Compatible with AD-565A and HI-565A • Very High Speed: Settles to 0.50 LSB in 500ns Max • Monotonicity Guaranteed Over Temperature • 0.50 LSB Max Nonlinearity Guaranteed Over Temperature • Low Gain Drift (Max., DAC Plus Reference) 50ppm/oC • Total Dose Hardness to 100K RAD • ±0.75 LSB Accuracy Guaranteed Over Temperature ( ±0.125 LSB Typical at +25oC) Applications • High Speed A/D Converters • Precision Instrumentation • Signal Reconstruction March 1996 Description The HS-565ARH is a fast, radiation hardened 12-bit current out- put, digital-to-analog converter. The monolithic chip includes a precision voltage reference, thin-film R-2R ladder, reference control amplifier and twelve high-speed bipolar current switches. The Harris Semiconductor Dielectric Isolation process provides latch-up free operation while minimizing stray capacitance and leakage currents, to produce an excellent combination of speed and accuracy. Also, ground currents are minimized to produce a low and constant current through the ground terminal, which reduces error due to code-dependent ground currents. HS-565ARH die are laser trimmed for a maximum integral nonlin- earity error of ±0.25 LSB at +25oC. In addition, the low noise bur- ied zener reference is trimmed both for absolute value and mini- mum temperature coefficient. Functional Diagram REF OUT VCC 43 + - 19.95K REF 10V 6 5 REF + - 3.5K 3K IREF 0.5mA -VEE PWR GND 712 24 . . . 13 MSB LSB (4X IREF X CODE) GND IN 20V SPAN 10V SPAN OUT IO DAC 9.95K BIP. OFF. 8 5K 5K 2.5K 11 10 9 Ordering Information PART NUMBER TEMPERATURE RANGE SCREENING LEVEL PACKAGE 5962R9675501VJC -55oC to +125oC MIL-PRF-38535 Level V 24 Lead SBDIP 5962R9675501VXC -55oC to +125oC MIL-PRF-38535 Level V 24 Lead Ceramic Flatpack HS1-565ARH (SAMPLE) +25oC Sample 24 Lead SBDIP HS9-565ARH (SAMPLE) +25oC Sample 24 Lead Ceramic Flatpack Spec Number 518795 File Number 3278.2 |
Similar Part No. - 5962R9675501VXC |
|
Similar Description - 5962R9675501VXC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |