Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9764101VEA Datasheet(PDF) 2 Page - Intersil Corporation

Part # 5962F9764101VEA
Description  Radiation Hardened Ultra High Frequency NPN Transistor Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9764101VEA Datasheet(HTML) 2 Page - Intersil Corporation

  5962F9764101VEA Datasheet HTML 1Page - Intersil Corporation 5962F9764101VEA Datasheet HTML 2Page - Intersil Corporation 5962F9764101VEA Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Burn-In Circuit
Irradiation Circuit
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q1
Q2
Q3
Q4
NC
1K
±5%
1K
±5%
1K
±5%
1K
±5%
1K
±5%
0.01
µF
100
±5%
10.5V
±0.5V
5.5V
±0.5V
0.01
µF
Q5
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q1
Q2
Q3
Q4
NC
1K
±5%
1K
±5%
1K
±5%
1K
±5%
1K
±5%
0.01
µF
100
Ω ±5%
10.5V
±0.5V
Q5
0.01
µF
5V
±0.5V
HS-6254RH


Similar Part No. - 5962F9764101VEA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9751201V9A INTERSIL-5962F9751201V9A Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
5962F9751201VXC INTERSIL-5962F9751201VXC Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
More results

Similar Description - 5962F9764101VEA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
logo
Microsemi Corporation
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
   RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
logo
Intersil Corporation
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
   Ultra High Frequency Transistor Array
February 1995
CA3127 INTERSIL-CA3127 Datasheet
60Kb / 7P
   High Frequency NPN Transistor Array
August 1996
CA3127 INTERSIL-CA3127_06 Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA102 NEC-UPA102 Datasheet
54Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA103 NEC-UPA103 Datasheet
73Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA104 NEC-UPA104 Datasheet
65Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Renesas Technology Corp
CA3127 RENESAS-CA3127 Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com