Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-65647RH-8 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS9-65647RH-8
Description  Radiation Hardened 8K x 8 SOS CMOS Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-65647RH-8 Datasheet(HTML) 1 Page - Intersil Corporation

  HS9-65647RH-8 Datasheet HTML 1Page - Intersil Corporation HS9-65647RH-8 Datasheet HTML 2Page - Intersil Corporation HS9-65647RH-8 Datasheet HTML 3Page - Intersil Corporation HS9-65647RH-8 Datasheet HTML 4Page - Intersil Corporation HS9-65647RH-8 Datasheet HTML 5Page - Intersil Corporation HS9-65647RH-8 Datasheet HTML 6Page - Intersil Corporation HS9-65647RH-8 Datasheet HTML 7Page - Intersil Corporation HS9-65647RH-8 Datasheet HTML 8Page - Intersil Corporation HS9-65647RH-8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
824
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HS-65647RH
Radiation Hardened
8K x 8 SOS CMOS Static RAM
Functional Diagram
TRUTH TABLE
E1
E2
G
W
MODE
X
0
X
X
Low Power Standby
1
1
X
X
Disabled
0111
Enabled
0101
Read
0
1
X
0
Write
AI COL
AI
ROW
I/O0
I/O7
128 X 512
MEMORY ARRAY
ROW
DECODER
INPUT
DATA
CIRCUIT
COLUMN DECODER
COLUMN I/O
W
G
E1
E2
CONTROL
CIRCUIT
Features
• 1.2 Micron Radiation Hardened SOS CMOS
- Total Dose 3 x 105 RAD (Si)
- Transient Upset >1 x 1011 RAD (Si)/s
- Single Event Upset < 1 x 10-12 Errors/Bit-Day
• Latch-up Free
• LET Threshold >250 MEV/mg/cm2
• Low Standby Supply Current 10mA (Max)
• Low Operating Supply Current 100mA (2MHz)
• Fast Access Time 50ns (Max), 35ns (Typ)
• High Output Drive Capability
• Gated Input Buffers (Gated by E2)
• Six Transistor Memory Cell
• Fully Static Design
• Asynchronous Operation
• CMOS Inputs
• 5V Single Power Supply
• Military Temperature Range -55oC to +125oC
• Industry Standard JEDEC Pinout
Description
The Intersil HS-65647RH is a fully asynchronous 8K x 8
radiation hardened static RAM. This RAM is fabricated using
the Intersil 1.2 micron silicon-on-sapphire CMOS technology.
This technology gives exceptional hardness to all types of
radiation, including neutron fluence, total ionizing dose, high
intensity ionizing dose rates, and cosmic rays.
Low power operation is provided by a fully static design. Low
standby power can be achieved without pull-up resistors,
due to the gated input buffer design.
August 1995
Spec Number
518729
File Number
2928.2
Ordering Information
PART NUMBER
TEMPERATURE RANGE
PACKAGE
HS1-65647RH-Q
-55oC to +125oC
28 Lead SBDIP
HS1-65647RH-8
-55oC to +125oC
28 Lead SBDIP
HS1-65647RH/Proto
-55oC to +125oC
28 Lead SBDIP
HS1-65647RH/Sample
+25oC
28 Lead SBDIP
HS9-65647RH-Q
-55oC to +125oC
28 Lead Ceramic Flatpack
HS9-65647RH-8
-55oC to +125oC
28 Lead Ceramic Flatpack
HS9-65647RH/Proto
-55oC to +125oC
28 Lead Ceramic Flatpack
HS9-65647RH/Sample
+25oC
28 Lead Ceramic Flatpack
HS9A-65647RH-Q
-55oC to +125oC
36 Lead Ceramic Flatpack


Similar Part No. - HS9-65647RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-65647RH-Q INTERSIL-HS9-65647RH-Q Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
More results

Similar Description - HS9-65647RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com