Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-65647RH Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS9-65647RH
Description  Radiation Hardened 8K x 8 SOS CMOS Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-65647RH Datasheet(HTML) 4 Page - Intersil Corporation

  HS9-65647RH Datasheet HTML 1Page - Intersil Corporation HS9-65647RH Datasheet HTML 2Page - Intersil Corporation HS9-65647RH Datasheet HTML 3Page - Intersil Corporation HS9-65647RH Datasheet HTML 4Page - Intersil Corporation HS9-65647RH Datasheet HTML 5Page - Intersil Corporation HS9-65647RH Datasheet HTML 6Page - Intersil Corporation HS9-65647RH Datasheet HTML 7Page - Intersil Corporation HS9-65647RH Datasheet HTML 8Page - Intersil Corporation HS9-65647RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
827
Specifications HS-65647RH
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2, 3)
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Address Access Time
TAVQV
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC
-
50
ns
Output Enable Access Time
TGLQV
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC
-
15
ns
Chip Enable Access Time
TE1LQV
TE2HQV
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC
-
50
ns
Write Recovery Time
TWHAX
TE1HAX
TE2LAX
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC0
-
ns
Chip Enable to End-of-Write
TE1LE1H
TE2HE2L
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC35
-
ns
Address Setup Time
TAVWL
TAVE1L
TAVE2H
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC5
-
ns
Write Enable Pulse Width
TWLWH
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC25
-
ns
Data Setup Time
TDVWH
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC30
-
ns
TDVE1H
TDVE2L
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC30
-
ns
Data Hold Time
TWHDX
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC0
-
ns
Address Hold Time
TAVE1H
TAVE2L
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC40
-
ns
TE2LDX
TE1HDX
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +85oC, +125oC0
-
ns
NOTES:
1. AC measurements tested at worst case VDD. Guaranteed over full operating range.
2. AC measurements assume transition time
≤ 5ns; input levels = 0.0V to VDD; timing reference levels = 2.0V; output load = 1 TTL equivalent
load and CL
≥ 50pF, for CL > 50pF, access times are derated 0.15ns/pF.
3. For timing waveforms, see Low Voltage Data Retention and Read/Write Cycles.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Capacitance
CIN
VDD = Open, f = 1MHz
1, 2, 4
TA = +25
oC
-
12
pF
VDD = Open, f = 1MHz
1, 2, 4
TA = +25
oC
-
12
pF
I/O Capacitance
CI/O
VDD = Open, f = 1MHz
1, 2, 4
TA = +25
oC
-
12
pF
VDD = Open, f = 1MHz
1, 2, 4
TA = +25
oC
-
12
pF
Write Enable to Output in
High Z
TWLQZ
VDD = 4.5V and 5.5V
1
-55oC
≤ T
A ≤ +125
oC
-
10
ns
Spec Number
518729


Similar Part No. - HS9-65647RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-65647RH-Q INTERSIL-HS9-65647RH-Q Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS9-65647RH/PROTO INTERSIL-HS9-65647RH/PROTO Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
More results

Similar Description - HS9-65647RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com