Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-6617RH-Q Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS9-6617RH-Q
Description  Radiation Hardened 2K x 8 CMOS PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-6617RH-Q Datasheet(HTML) 2 Page - Intersil Corporation

  HS9-6617RH-Q Datasheet HTML 1Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 2Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 3Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 4Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 5Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 6Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 7Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 8Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
HS-6617RH
Functional Diagram
TRUTH TABLE
E
G
MODE
0
0
Enabled
0
1
Output Disabled
1
X
Disabled
MSB
LSB
16
128 x 128
MATRIX
GATED
ROW
DECODER
LATCHED
ADDRESS
REGISTER
REGISTER
LATCHED ADDRESS
GATE COLUMN
DECODER
PROGRAMMING, & DATA
OUTPUT CONTROL
16
16
16
16
16
16
16
E
E
E
8
A
4
A
4
E
8
1 OF 8
7A
7
A
128
MSB
LSB
P
E
G
A10
A9
A8
A7
A5
A4
A6
A3
A2
A1
A0
Q0 - Q7
ALL LINES POSITIVE LOGIC:
ACTIVE HIGH
THREE STATE BUFFERS:
OUTPUT ACTIVE
ADDRESS LATCHES & GATED DECODERS:
P = HARDWIRED TO VDD EXCEPT DURING PROGRAMMING
LATCH ON FALLING EDGE OF E
GATE ON FALLING EDGE OF G
A HIGH
Spec Number
518742


Similar Part No. - HS9-6617RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-6617RH-Q INTERSIL-HS9-6617RH-Q Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
More results

Similar Description - HS9-6617RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
logo
Aeroflex Circuit Techno...
UT28F256 AEROFLEX-UT28F256 Datasheet
69Kb / 11P
   Radiation-Hardened 32K x 8 PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
logo
STMicroelectronics
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
   MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
   HIGH SPEED 2K x 8 CMOS PROM/RPROM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com