Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7738VQ Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK7738VQ
Description  Multi DSP with 5ch ADC 4ch DAC 8ch SRC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7738VQ Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK7738VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 13Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 14Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
[AK7738]
015000122-E-00-PB
2015/01
- 11 -
No.
Pin
Name
I/O
Function
42
AINMN
I
ADCM Inverted Differential Input Pin
43
AINMP
I
ADCM Non-inverted Differential Input Pin
AINM
I
ADCM Single-ended Input Pin
44
AIN5R
I
ADC2 Rch Pseudo Differential Input 5 Pin
45
GNDIN5
I
ADC2 Pseudo Differential Ground Input 5 Pin
46
AIN5L
I
ADC2 Lch Pseudo Differential Input 5 Pin
47
AIN2RN
I
ADC2 Rch Inverted Differential Input 2 Pin
AIN4R
I
ADC2 Rch Single-ended Input 4 Pin
48
AIN2RP
I
ADC2 Rch Non-inverted Differential Input 2 Pin
AIN3R
I
ADC2 Rch Single-ended Input 3 Pin
49
AIN2LN
I
ADC2 Lch Inverted Differential Input 2 Pin
AIN4L
I
ADC2 Lch Single-ended Input 4 Pin
50
AIN2LP
I
ADC2 Lch Non-inverted Differential Input 2 Pin
AIN3L
I
ADC2 Lch Single-ended Input 3 Pin
51
INN2
I
ADC1 Rch Inverted Differential Input 2 Pin
52
AIN1R
I
ADC1 Rch Single-ended Input 1 Pin
INP2
I
ADC1 Rch Non-inverted Differential Input 2 Pin
53
INN1
I
ADC1 Lch Inverted Differential Input 1 Pin
54
AIN1L
I
ADC1 Lch Single-ended Input 1 Pin
INP1
I
ADC1 Lch Non-inverted Differential Input 1 Pin
55
MPREF
O
Ripple Filter Pin for Microphone Power Supply
Connect a 1uF ceramic capacitor between this pin and AVSS.
Do not connect this pin to an external circuit.
56
MPWR1
O
Power Supply Output 1 Pin for Microphone
This pin outputs “Hi-Z” during power-down state.
57
MPWR2
O
Power Supply Output 2 Pin for Microphone
This pin outputs “Hi-Z” during power-down state.
58
AVDD
-
Analog Power Supply Pin
3.0~3.6V (typ.3.3V)
59
AVSS
-
Analog Ground Pin
0V (Substrate potential)
60
VCOM
O
Analog Common Voltage Output Pin
Connect a 2.2uF ceramic capacitor between this pin and AVSS.
Do not connect this pin to an external circuit.
This pin outputs “L” during power-down state.
61
VREFH
I
Analog High-level Reference Voltage Input Pin
Connect this pin to AVDD.
62
VREFL
I
Analog Low-level Reference Voltage Input Pin
Connect this pin to AVSS.
63
AOUT1R
O
DAC1 Rch Analog Output Pin
This pin outputs “Hi-Z” during power-down state.
64
AOUT1L
O
DAC1 Lch Analog Output Pin
This pin outputs “Hi-Z” during power-down state.


Similar Part No. - AK7738VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
More results

Similar Description - AK7738VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
   Multi Core DSP with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com