Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-80C85RH Datasheet(PDF) 8 Page - Intersil Corporation

Part # HS9-80C85RH
Description  Radiation Hardened 8-Bit CMOS Microprocessor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-80C85RH Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HS9-80C85RH Datasheet HTML 4Page - Intersil Corporation HS9-80C85RH Datasheet HTML 5Page - Intersil Corporation HS9-80C85RH Datasheet HTML 6Page - Intersil Corporation HS9-80C85RH Datasheet HTML 7Page - Intersil Corporation HS9-80C85RH Datasheet HTML 8Page - Intersil Corporation HS9-80C85RH Datasheet HTML 9Page - Intersil Corporation HS9-80C85RH Datasheet HTML 10Page - Intersil Corporation HS9-80C85RH Datasheet HTML 11Page - Intersil Corporation HS9-80C85RH Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
HS-80C85RH
Waveforms
FIGURE 2. CLOCK
FIGURE 3. READ
FIGURE 4. WRITE
tXKR
tXKF
tCYC
t1
tr
t2
tf
CLK
X1 INPUT
OUTPUT
ADDRESS
A8-15
ADDRESS
CLK
AD0-AD7
ALE
RD/INTA
tAL
tLL
tLA
tAFR
tLCK
tAD
tLDR
tLC
tAC
tRD
tCC
tCL
tRAE
tCA
tRDH
DATA IN
T1
T2
T3
T1
ADDRESS
tDW
A8-15
tCC
ADDRESS
tLA
tLL
tAL
tAC
tLC
tCL
tWD
tCA
tLDW
tLCK
tWDL
DATA OUT
T1
T3
T2
T1
CLK
AD0-AD7
ALE
WR
Spec Number
518054


Similar Part No. - HS9-80C85RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-80C85RH-8 INTERSIL-HS9-80C85RH-8 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS9-80C85RH-Q INTERSIL-HS9-80C85RH-Q Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS9-80C85RH/PROTO INTERSIL-HS9-80C85RH/PROTO Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
More results

Similar Description - HS9-80C85RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-3374RH INTERSIL-HS-3374RH Datasheet
38Kb / 6P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-83C55RH INTERSIL-HS-83C55RH Datasheet
708Kb / 12P
   Radiation Hardened 16K Bit CMOS ROM
HS-82C08RH INTERSIL-HS-82C08RH Datasheet
44Kb / 6P
   Radiation Hardened 8-Bit Bus Transceiver
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HS-82C08RH INTERSIL-HS-82C08RH_00 Datasheet
57Kb / 4P
   Radiation Hardened 8-Bit Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com