Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-82C85RH-8 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HS1-82C85RH-8
Description  Radiation Hardened CMOS Static Clock Controller/Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-82C85RH-8 Datasheet(HTML) 5 Page - Intersil Corporation

  HS1-82C85RH-8 Datasheet HTML 1Page - Intersil Corporation HS1-82C85RH-8 Datasheet HTML 2Page - Intersil Corporation HS1-82C85RH-8 Datasheet HTML 3Page - Intersil Corporation HS1-82C85RH-8 Datasheet HTML 4Page - Intersil Corporation HS1-82C85RH-8 Datasheet HTML 5Page - Intersil Corporation HS1-82C85RH-8 Datasheet HTML 6Page - Intersil Corporation HS1-82C85RH-8 Datasheet HTML 7Page - Intersil Corporation HS1-82C85RH-8 Datasheet HTML 8Page - Intersil Corporation HS1-82C85RH-8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Waveforms
FIGURE 1. WAVEFORMS FOR CLOCKS
NOTE: All timing measurements are made at 1.5V, unless otherwise noted.
FIGURE 2. WAVEFORMS FOR READY SIGNALS (FOR ASYNCHRONOUS DEVICES)
tELEL
tELEH
tEHEL
tOHCH
tOHCL
tCLCH
tCHCL
tCLCL
tCLC50L
t5CHCL
t5CLCH
tOLCH
tCLPL
tPLPH
tPHPL
TCLPH
tYHYL
tEHYL
tYHEH
tCH1CH2
tCL2CL1
1.0V
3.5V
CLK AND CLK50
EFI I
OSC O
CLK O
CLK50 O
PCLK O
CSYNC I
CLK
RDY1, 2
AEN1, 2
ASYNC
READY
tR1VCH
tCLR1X
tA1VR1V
tR1VCL
tCLR1X
tRYLCL
tCLAYX
tRYHCH
tCLA1X
tAYVCL
HS-82C85RH


Similar Part No. - HS1-82C85RH-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS1-82C85RH-8 RENESAS-HS1-82C85RH-8 Datasheet
549Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
More results

Similar Description - HS1-82C85RH-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
   CMOS Static Clock Controller/Generator
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
   CMOS Static Clock Controller/Generator
March 1997
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
   Radiation Hardened CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com