Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-82C54RH-Q Datasheet(PDF) 7 Page - Intersil Corporation

Part # HS9-82C54RH-Q
Description  Radiation Hardened CMOS Programmable Interval Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-82C54RH-Q Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HS9-82C54RH-Q Datasheet HTML 3Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 4Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 5Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 6Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 7Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 8Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 9Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 10Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
954
HS-82C54RH
Intersil Space Level Product Flow -8
GAMMA Radiation Verification (Each Wafer) Method 1019,
2 Samples/Wafer, 0 Rejects
100% Die Attach
Periodic- Wire Bond Pull Monitor, Method 2011
Periodic- Die Shear Monitor, Method 2019 or 2027
100% Internal Visual Inspection, Method 2010, Condition B
CSI an/or GSI PreCap (Note 5)
100% Temperature Cycle, Method 1010, Condition C,
10 Cycles
100% Constant Acceleration, Method 2001, Condition per
Method 5004
100% External Visual
100% Initial Electrical Test
100% Dynamic Burn-In, Condition D, 160 Hours, +125oC or
Equivalent, Method 1015
100% Interim Electrical Test
100% PDA, Method 5004 (Note 1)
100% Final Electrical Test
100% Fine/Gross Leak, Method 1014
100% External Visual, Method 2009
Sample - Group A, Method 5005 (Note 2)
Sample - Group B, Method 5005 (Note 3)
Sample - Group C, Method 5005 (Notes 3 and 4)
Sample - Group D, Method 5005 (Notes 3 and 4)
100% Data Package Generation (Note 6)
CSI and/or GSI Final (Note 5)
NOTES:
1. Failures from subgroup 1, 7 are used for calculating PDA. The maximum allowable PDA = 5%.
2. Alternate Group A testing may be performed as allowed by MIL-STD-883, Method 5005.
3. Group B, C and D inspections are optional and will not be performed unless required by the P.O. When required, the P.O. should include
separate line items for Group B Test, Group C Test, Group C Samples, Group D Test and Group D Samples.
4. Group C and/or Group D Generic Data, as defined by MIL-I-38535, is optional and will not be supplied unless required by the P.O. When
required, the P.O. should include a separate line item for Group C Generic Data and/or Group D Generic Data. Generic data is not guar-
anteed to be available and is therefore not available in all cases.
5. CSI and/or GSI inspections are optional and will not be performed unless required by theP.O. When required, the P.O. should include
separate line items for CSI PreCap inspection, CSI final inspection, GSI PreCap inspection, and/or GSI final inspection.
6. Data Package Contents:
• Cover Sheet (Intersil Name and/or Logo, P.O. Number, Customer Part Number, Lot Date Code, Intersil Part Number, Lot Number, Quan-
tity).
• GAMMA Radiation Report. Contains Cover page, disposition, Rad Dose, Lot Number, Test Package used, Specification Numbers, Test
equipment, etc. Radiation Read and Record data on file at Intersil.
• Screening, Electrical, and Group A attributes (Screening attributes begin after package seal).
• Group B, C and D attributes and/or Generic data is included when required by the P.O.
• The Certificate of Conformance is a part of the shipping invoice and is not part of the Data Book. The Certificate of Conformance is signed
by an authorized Quality Representative.
Spec Number
518059


Similar Part No. - HS9-82C54RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-82C54RH-8 INTERSIL-HS9-82C54RH-8 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS9-82C54RH-8 RENESAS-HS9-82C54RH-8 Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
More results

Similar Description - HS9-82C54RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com