Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-82C54RH-Q Datasheet(PDF) 8 Page - Intersil Corporation

Part # HS9-82C54RH-Q
Description  Radiation Hardened CMOS Programmable Interval Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-82C54RH-Q Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HS9-82C54RH-Q Datasheet HTML 4Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 5Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 6Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 7Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 8Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 9Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 10Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 11Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
955
HS-82C54RH
AC Test Circuits
* Includes stray and jig capacitance
TEST CONDITION DEFINITION TABLE
TEST CONDITION
V1
R1
R2
C1
1
1.7V
510
OPEN
150pF
TEST
POINT
OUTPUT FROM
DEVICE UNDER TEST
V1
R1
R2
C1*
AC Testing Input, Output Waveform
NOTE: AC Testing: All input signals must switch between VIL -0.4V
and VIH +0.4V. Input rise and fall times are driven at 1ns/V.
1.5V
1.5V
VIL -0.4V
INPUT
VIH +0.4V
VOL
INPUT
VOH
Waveforms
FIGURE 1. WRITE
FIGURE 2. READ
FIGURE 3. RECOVERY
FIGURE 4. CLOCK AND GATE
TWHAX
A0-1
DATA
TWHDX
TWLWH
TDVWH
TAVWL
VALID
WR
CS
TSLWL
BUS
TRHDZ
VALID
TRHAX
TSLRL
TRLDV
A0-1
CS
DATA
RD
TRLRH
TAVRL
BUS
RD, WR
TRHRL
TWHWL
TCHGX
TCH1CH2
TGVCH
TGLOV
TGLGH
TCLOV
TGHGL
TCHGX
TGVCH
TCL1CL2
TCLCL
TCLCH
TCHCL
CLK
GATE G
OUTPUT 0
Spec Number
518059


Similar Part No. - HS9-82C54RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-82C54RH-8 INTERSIL-HS9-82C54RH-8 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS9-82C54RH-8 RENESAS-HS9-82C54RH-8 Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
More results

Similar Description - HS9-82C54RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com