Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

81C55 Datasheet(PDF) 10 Page - Intersil Corporation

Part # 81C55
Description  Radiation Hardened 256 x 8 CMOS RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

81C55 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button 81C55 Datasheet HTML 6Page - Intersil Corporation 81C55 Datasheet HTML 7Page - Intersil Corporation 81C55 Datasheet HTML 8Page - Intersil Corporation 81C55 Datasheet HTML 9Page - Intersil Corporation 81C55 Datasheet HTML 10Page - Intersil Corporation 81C55 Datasheet HTML 11Page - Intersil Corporation 81C55 Datasheet HTML 12Page - Intersil Corporation 81C55 Datasheet HTML 13Page - Intersil Corporation 81C55 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
HS-81C55RH, HS-81C56RH
Functional Description
The HS-81C55RH and 81C56RH contains the following:
• 2K Bit Static RAM Organized as 256 x 8
• Two 8-Bit I/O Ports (PA and PB) and One 6-Bit I/O Port
(PC)
• 14-Bit Timer-Counter
The IO/M (IO/Memory Select) pin selects either the five reg-
ister (Command, Status, PA0 - PA7, PB0 - PB7, PC0 - PC5)
or the memory (RAM) portion.
The 8-bit address on the Address/Data lines, Chip Enable
input CE or CE and IO/M are all latched on-chip at the falling
edge of ALE.
FIGURE 1. INTERNAL REGISTERS
FIGURE 2. ON-BOARD MEMORY READ/WRITE CYCLE
Programming of the Command Register
The command register consists of eight latches. Four bits (0-
3) define the mode of the ports, two bit (4-5) enable or disable
the interrupt from port C when it acts as control port, and the
last two bits (6-7) are for the timer.
The command register contents can be altered at anytime by
using the I/O address XXXXX000 during a WRITE operation
with the Chip Enable active and IO/M = 1. The meaning of
each bit of the command byte is defined in Figure 3. The
contents of the command register may never be read.
FIGURE 3. COMMAND REGISTER BIT ASSIGNMENT
Reading the Status Register
The status register consists of seven latches, one for each
bit six (0-5) for the status of the ports and one (6) for the
status of the timer.
The status of the timer and the I/O section can be polled by
reading the Status Register (Address XXXXX000). Status
word format is shown in Figure 4. Note that you may never
write to the status register since the command register
shares the same I/O address and the command register is
selected when a write to that address is issued.
FIGURE 4. STATUS REGISTER BIT ASSIGNMENT
COMMAND
STATUS
PC
PB
PA
TIMER
MSB
TIMER
LSB
8-BIT INTERNAL DATA BUS
6
8
8
TIMER MODE
CE (81C55RH)
OR
CE (81C56RH)
IO/M
AD0 - AD7
ALE
RD OR WR
ADDRESS
DATA
VALID
TM2 TM1 IEB
IEA PC2 PC1
PB
PA
76543210
DEFINES
DEFINES
DEFINES
ENABLE PORT
A INTERRUPT
ENABLE PORT
B INTERRUPT
00 = NOP - DO NOT AFFECT COUNTER
OPERATION
01 = STOP - NOP IF TIMER HAS NOT
STARTED; STOP COUNTING IF
THE TIMER IS RUNNING
10 = STOP AFTER TC - STOP IMME-
DIATELY AFTER PRESENT TC
IS REACHED (NOP IF TIMER
HAS NOT STARTED)
11 = START - LOAD MODE AND CNT
LENGTH AND START IMMEDIATE-
LY AFTER LOADING (IF TIMER IS
NOT PRESENTLY RUNNING). IF
TIMER IS RUNNING, START THE
NEW MODE AND CNT LENGTH
IMMEDIATELY AFTER PRESENT
TC IS REACHED.
0 = INPUT
1 = OUTPUT
00 = ALT1
11 = ALT2
01 = ALT3
10 = ALT4
0 = INPUT
1 = OUTPUT
PA0 - PA7
PB0 - PB7
PC0 - PC5
TIMER
COMMAND
TIMER
INTE
B
B
BF
INTR
B
INTE
A
A
BF
INTR
A
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
PORT A
INTERRUPT
REQUEST
PORT A BUFFER
FULL/EMPTY
(INPUT/OUTPUT)
PORT A INTERRUPT ENABLE
PORT B INTERRUPT REQUEST
PORT B BUFFER FULL/EMPTY
(INPUT/OUTPUT)
PORT B INTERRUPT ENABLE
TIMER INTERRUPT (THIS BIT IS LATCHED HIGH WHEN
TERMINAL COUNT IS REACHED, AND IS RESET TO LOW
READING OF THE C/S REGISTER & BY HARDWARE RESET).
Spec Number
518056


Similar Part No. - 81C55

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
81C55 OKI-81C55 Datasheet
156Kb / 19P
   2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
More results

Similar Description - 81C55

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com