Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD-160 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MD-160
Description  Termination Insensitive Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MD-160 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MD-160_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MD-160_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MD-160_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Termination Insensitive Mixer,
1 - 1500 MHz
Rev. V3
MD-160
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Third Order Intermodulation Ratio is Insensitive
to Port Mismatches
• Conversion Loss: 7 dB Typical Midband
• VSWR: Typically Less than 1.5:1 @ Midband
• Impedance: 50 Ohms Nominal
• Maximum Input Power: 350 mW Max @ 25°C,
Derated to 85°C @ 3.5 mW/°C
• MIL-STD-883 Screening Available
Description
The unique design of the termination insensitive
mixer (TIM) enables it to apply high reverse voltage
to diodes during their “off” phase, in the LO cycle.
This allows for higher power level performance with
minimum distortion. In addition the TIM has internal
loads that provide a good match and also absorb
mixer generated LO frequency terms.
Combined,
these
fe atures
give
the
mixer
its
insensitivity to external mismatches, plus superior
VSWR.
RH-3
Pin Configuration
Pin No.
Function
Pin No.
Function
1
LO
5
GND
2
GND
6
GND
3*
IF
7*
IF
4
GND
8
RF
* P3 and P7 are connected together to make IF Port.


Similar Part No. - MD-160_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-160PIN MACOM-MD-160PIN Datasheet
215Kb / 3P
   Termination-Insensitive Mixer, 1 - 1500 MHz
More results

Similar Description - MD-160_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
   Termination-Insensitive Mixer, Termination-Insensitive Mixer,
MDS-158 MA-COM-MDS-158 Datasheet
106Kb / 3P
   Termination Insensitive Mixer
MD-MDC-MDS-169 MA-COM-MD-MDC-MDS-169_15 Datasheet
105Kb / 4P
   Termination Insensitive Mixer
MD_MDC_MDS-158 MA-COM-MD_MDC_MDS-158 Datasheet
106Kb / 3P
   Termination Insensitive Mixer
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
   Termination Insensitive Mixer
CSM4T MA-COM-CSM4T Datasheet
100Kb / 3P
   Termination Insensitive Mixer
MD-179 MA-COM-MD-179 Datasheet
721Kb / 4P
   Termination Insensitive Mixer
CSM4T17 MA-COM-CSM4T17 Datasheet
86Kb / 3P
   Termination Insensitive Mixer
CSM4TH MA-COM-CSM4TH_15 Datasheet
525Kb / 4P
   Termination Insensitive Mixer
logo
List of Unclassifed Man...
CSM4T17 ETC1-CSM4T17 Datasheet
65Kb / 2P
   TERMINATION INSENSITIVE MIXER
logo
M/A-COM Technology Solu...
CSM4T17 MA-COM-CSM4T17_15 Datasheet
497Kb / 4P
   Termination Insensitive Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com