Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45116GI-33 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HSP45116GI-33
Description  Numerically Controlled Oscillator/Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45116GI-33 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HSP45116GI-33 Datasheet HTML 7Page - Intersil Corporation HSP45116GI-33 Datasheet HTML 8Page - Intersil Corporation HSP45116GI-33 Datasheet HTML 9Page - Intersil Corporation HSP45116GI-33 Datasheet HTML 10Page - Intersil Corporation HSP45116GI-33 Datasheet HTML 11Page - Intersil Corporation HSP45116GI-33 Datasheet HTML 12Page - Intersil Corporation HSP45116GI-33 Datasheet HTML 13Page - Intersil Corporation HSP45116GI-33 Datasheet HTML 14Page - Intersil Corporation HSP45116GI-33 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Complex Multiplier/Accumulator
The CMAC (Figure 2) performs two types of functions:
complex multiplication/accumulation for modulation and
demodulation of digital signals, and the operations
necessary to implement an FFT butterfly. Modulation and
demodulation are implemented using the complex multiplier
and its associated accumulator; the rest of the circuitry
in this section, i.e., the complex accumulator, input shifters
and growth detect logic are used along with the complex
multiplier/accumulator for FFTs. The complex multiplier
performs the complex vector multiplication on the output of
the Sine/Cosine Section and the vector represented by the
real and imaginary inputs RIN and IIN. The two vectors are
combined in the following manner:
ROUT = COS x RIN - SIN x IIN
IOUT = COS x IIN + SIN x RIN
RIN and IIN are latched into the input registers and passed
through the shift stages. Clocking of the input registers is
enabled with a low on ENI. The amount of shift on the
latched data is programmed with SH0-1 (Table 3). The
output of the shifters is sent to the CMAC and the auxiliary
accumulators.
The 33-bit real and imaginary outputs of the Complex
Multiplier are latched in the Multiplier Registers and then go
through the Accumulator Section of the CMAC. If the ACC
line is high, the feedback to the accumulators is enabled; a
low on ACC zeroes the feedback path, so that the next set of
real and imaginary data out of the complex multiplier is
stored in the CMAC Output Registers.
The data in the CMAC Output Registers goes to the
Multiplexer, the output of which is determined by the
OUTMUX0-1 lines (Table 4). BINFMT controls whether the
output of the Multiplexer is presented in two’s complement or
unsigned format; BINFMT = 0 inverts ROUT19 and IOUT19
for unsigned output, while BINFMT = 1 selects two’s
complement.
The Complex Accumulator duplicates the accumulator in the
CMAC. The input comes from the data shifters, and its 20-bit
complex output goes to the Multiplexer. ACC controls
whether the accumulator is enabled or not. OUTMUX0-1
determines whether the accumulator output appears on
ROUT and IOUT.
TABLE 3. INPUT SHIFT SELECTION
SH1
SH0
SELECTED BITS
0
0
RIN0-15, IMIN0-15
0
1
RIN1-16, IMIN1-16
1
0
RIN2-17, IMIN2-17
1
1
RIN3-18, IMIN3-18
TABLE 4. OUTPUT MULTIPLEXER SELECTION
OUT
MUX
1
OUT
MUX
0
RO16-19
RO0-15
IO16-19
IO0-15
0
0
Real CMAC
31-34
Real CMAC
15-30
Imag CMAC
31-34
Imag CMAC
15-30
0
1
Real CMAC
31-34
0, Real
CMAC 0-14
Imag CMAC
31-34
0, Imag
CMAC 0-14
1
0
Real ACC
16-19
Real ACC
0-15
Imag ACC
16-19
Imag ACC
0-15
1
1
Reserved
Reserved
Reserved
Reserved
HSP45116


Similar Part No. - HSP45116GI-33

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45116GM-15/883 INTERSIL-HSP45116GM-15/883 Datasheet
157Kb / 6P
   Numerically Controlled Oscillator/Modulator
More results

Similar Description - HSP45116GI-33

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A Datasheet
114Kb / 17P
   Numerically Controlled Oscillator/ Modulator
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
   Numerically Controlled Oscillator/Modulator
logo
Renesas Technology Corp
HSP45116 RENESAS-HSP45116 Datasheet
768Kb / 16P
   Numerically Controlled Oscillator/Modulator
Jul 2004
HSP45116A RENESAS-HSP45116A Datasheet
1Mb / 19P
   Numerically Controlled Oscillator/Modulator
May 7, 2007
logo
Intersil Corporation
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
   12-Bit Numerically Controlled Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com