Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP48410GC-33 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HSP48410GC-33
Description  Histogrammer/Accumulating Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP48410GC-33 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HSP48410GC-33 Datasheet HTML 4Page - Intersil Corporation HSP48410GC-33 Datasheet HTML 5Page - Intersil Corporation HSP48410GC-33 Datasheet HTML 6Page - Intersil Corporation HSP48410GC-33 Datasheet HTML 7Page - Intersil Corporation HSP48410GC-33 Datasheet HTML 8Page - Intersil Corporation HSP48410GC-33 Datasheet HTML 9Page - Intersil Corporation HSP48410GC-33 Datasheet HTML 10Page - Intersil Corporation HSP48410GC-33 Datasheet HTML 11Page - Intersil Corporation HSP48410GC-33 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Look Up Table Mode
A Look Up Table (LUT) is used to perform a fixed
transformation function on pixel values. This is particularly
useful when the transformation is nonlinear and cannot be
realized directly with hardware. An example is the remapping
of the original pixel values to a new set of values based on
the CDF obtained through Histogram Accumulation.
The transformation function can be loaded into the LUT in
one of three ways: in LUT mode, through DIN0-23; in either
asynchronous mode, over the DIO bus as described below
under Asynchronous 16/24 Modes; in the Histogram
Accumulate mode the transformation function is calculated
internally (see description above). The transformation
function can then be utilized by deactivating START, putting
the part in LUT mode and clocking the data to be
transformed onto the PIN bus. Note that it is necessary to
wait one clock cycle after changing the mode before clocking
data into the part.
The Block Diagram and Timing Diagram for this mode are
shown in Figures 8 and 9. The left half of the timing diagram
shows LUT(write) mode. On the first CLK that detects
START low, the counter is reset and the write enable is
activated for the RAM. As long as START remains low, the
counter provides the write address to the RAM and data is
sequentially loaded through the DIN bus. The DIN bus is
delayed internally by 3 cycles to match the latency in the
Address Generator. The DIO bus will contain the previous
contents of the memory location being updated. When 1024
words have been written to the RAM, the counter stops and
further writes to the RAM are disabled. The part stays in this
state while START remains low.
When START returns high, the RAM write is disabled, the
read address is taken from the PIN bus, and the chip acts as
a synchronous LUT. (This is known as LUT(read) mode.) In
order to ensure that the internal pipelines are clear, data
should not be input to PIN0-9 until the third clock after
START goes high
Delay Memory (Row Buffer) Mode
As seen by comparing Figures 8 and 10, the configuration
for this mode is nearly identical to the LUT mode. In this
mode, however, the counter is always providing the address
and the write function is always enabled.
In order to force this configuration to act as a row delay
register, the START signal must be used to reset the internal
counter each time a new row of pixels is being sampled.
Because of the inherent latency in the address and data
paths, the counter must be reset every N-4 cycles, where N
is the desired delay length. For example, if a delay from DIN
to DIO of ten cycles is desired, the START signal must be set
low every six cycles (see Figure 11). If the internal address
counter reaches its maximum count (1023), it holds that
value and further writes to the RAM are disabled.
ADDRESS
GENERATOR
RAM
Σ
IN
OUT
ADDRESS
DIO 0-23
CLK
START
CONTROL
DIO
I/F
COUNTER
PIN 0-9
“0”
WR
DIN 0-23
RD
FIGURE 8. LOOK UP TABLE BLOCK DIAGRAM
FIGURE 9. LOOK UP TABLE MODE TIMING
CLK
PIN 0-9
START
DIO 0-23
DIN 0-23
DATA
0
OUTPUT
0
*
(WRITE)
ADDRESS
1
0
(READ)
* PREVIOUS CONTENTS OF BIN LOCATION.
12
3
4
5
1
* 2* 3*
23
0
RAM
Σ
IN
OUT
ADDRESS
DIO 0-23
CLK
START
CONTROL
DIO
I/F
COUNTER
“0”
DIN 0-23
RD
FIGURE 10. DELAY MEMORY BLOCK DIAGRAM
CLK
DIN 0-23
START
DIO 0-23
DATA
1
2
3456789
10
11
12
13
1234
14
5
FIGURE 11. DELAY MEMORY MODE TIMING FOR ROW
LENGTH OF TEN
HSP48410


Similar Part No. - HSP48410GC-33

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48410GM-25/883 INTERSIL-HSP48410GM-25/883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
HSP48410GM-33/883 INTERSIL-HSP48410GM-33/883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
More results

Similar Description - HSP48410GC-33

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48410883 INTERSIL-HSP48410883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
HSP48410 INTERSIL-HSP48410_04 Datasheet
259Kb / 11P
   Histogrammer/Accumulating Buffer
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
   1024 x 24-bit Video Histogrammer
logo
ON Semiconductor
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
184Kb / 8P
   Buffer
February, 2000 ??Rev. 0
MC74VHC1G50DFT1G ONSEMI-MC74VHC1G50DFT1G Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
logo
Minilogic Device Corpor...
ML74UL34 MINILOGIC-ML74UL34 Datasheet
119Kb / 3P
   Buffer
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
MC74VHC1G50 ONSEMI-MC74VHC1G50_V01 Datasheet
176Kb / 15P
   Buffer
April, 2022 ??Rev. 18
MC74VHC1G50DTT1G ONSEMI-MC74VHC1G50DTT1G Datasheet
250Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50_06 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com