Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP48410GC-40 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HSP48410GC-40
Description  Histogrammer/Accumulating Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP48410GC-40 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HSP48410GC-40 Datasheet HTML 4Page - Intersil Corporation HSP48410GC-40 Datasheet HTML 5Page - Intersil Corporation HSP48410GC-40 Datasheet HTML 6Page - Intersil Corporation HSP48410GC-40 Datasheet HTML 7Page - Intersil Corporation HSP48410GC-40 Datasheet HTML 8Page - Intersil Corporation HSP48410GC-40 Datasheet HTML 9Page - Intersil Corporation HSP48410GC-40 Datasheet HTML 10Page - Intersil Corporation HSP48410GC-40 Datasheet HTML 11Page - Intersil Corporation HSP48410GC-40 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FCT0-2 Hold from LD
tFH
0-0-
ns
START Setup to CLK
tSS
12-13-
ns
START Hold from CLK
tSH
0-0-
ns
PIN0-9 Setup Time
tPS
12-13-
ns
PIN0-9 Hold Time
tPH
0-0-
ns
LD Pulse Width
tLL
10-12-
ns
LD Setup to STARTtLS
Note 7
TCP
TCP
-ns
WR Low
tWL
12-15-
ns
WR High
tWH
12-15-
ns
Address Setup
tAS
13-15-
ns
Address Hold
tAH
1-1-
ns
DIO Setup to WR
tWS
12-15-
ns
DIO Hold from WR
tWH
1-1-
ns
RD Low
tRL
35-43-
ns
RD High
tRH
15-17-
ns
RD Low to DIO Valid
tRD
-35-43
ns
Read/Write Cycle Time
tCY
55-65-
ns
DIO Valid after RD High
tOH
Note 8
-
0
-
0
ns
Output Enable Time
tOE
Note 9
-
18
-
19
ns
Output Disable Time
tOD
Note 8
-
18
-
19
ns
Output Rise Time
tR
From 0.8V to 2.0V, Note 8
-
6
-
6
ns
Output Fall Time
tF
From 2.0V to 0.8V, Note 8
-
6
-
6
ns
NOTES:
6. AC Testing is performed as follows: Input levels (CLK) 0.0V and 4.0V; input levels (all other inputs) 0V and 3.0V. Timing reference levels (CLK)
= 2.0V, (all others) = 1.5V. Output load circuit with CL = 40pF. Output transition measured at VOH ≥ 1.5V and VOL ≤ 1.5V.
7. There must be at least one rising edge of CLK between the rising edge of LD and the falling edge of START.
8. Characterized upon initial design and after major changes to design and/or process.
9. Transition is measured at
±200mV from steady state voltage with loading as specified in test load circuit with CL = 40pF.
AC Electrical Specifications
VCC = 5V ± 5%, TA = 0
oC to 70oC (Note 6) (Continued)
PARAMETER
SYMBOL
NOTES
-40 (40 MHz)
-33 (33 MHz)
UNITS
MIN
MAX
MIN
MAX
Test Load Circuit
EQUIVALENT CIRCUIT
CL
IOH
1.5V
IOL
DUT
S1
SWITCH S1 OPEN FOR ICCSB AND ICCOP
±
INCLUDES STRAY AND JIG CAPACITANCE
HSP48410


Similar Part No. - HSP48410GC-40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48410GM-25/883 INTERSIL-HSP48410GM-25/883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
HSP48410GM-33/883 INTERSIL-HSP48410GM-33/883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
More results

Similar Description - HSP48410GC-40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48410883 INTERSIL-HSP48410883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
HSP48410 INTERSIL-HSP48410_04 Datasheet
259Kb / 11P
   Histogrammer/Accumulating Buffer
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
   1024 x 24-bit Video Histogrammer
logo
ON Semiconductor
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
184Kb / 8P
   Buffer
February, 2000 ??Rev. 0
MC74VHC1G50DFT1G ONSEMI-MC74VHC1G50DFT1G Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
logo
Minilogic Device Corpor...
ML74UL34 MINILOGIC-ML74UL34 Datasheet
119Kb / 3P
   Buffer
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
MC74VHC1G50 ONSEMI-MC74VHC1G50_V01 Datasheet
176Kb / 15P
   Buffer
April, 2022 ??Rev. 18
MC74VHC1G50DTT1G ONSEMI-MC74VHC1G50DTT1G Datasheet
250Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50_06 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com