Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5523 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5523
Description  400 MHz to 4000 MHz Low Noise Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523 Datasheet(HTML) 5 Page - Analog Devices

  ADL5523_15 Datasheet HTML 1Page - Analog Devices ADL5523_15 Datasheet HTML 2Page - Analog Devices ADL5523_15 Datasheet HTML 3Page - Analog Devices ADL5523_15 Datasheet HTML 4Page - Analog Devices ADL5523_15 Datasheet HTML 5Page - Analog Devices ADL5523_15 Datasheet HTML 6Page - Analog Devices ADL5523_15 Datasheet HTML 7Page - Analog Devices ADL5523_15 Datasheet HTML 8Page - Analog Devices ADL5523_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADL5523
Rev. B | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage, VPOS
5.5 V
RF Input Level
7 dBm
RF Input Level (with 8 Ω Series Resistor onVPOS)
20 dBm
Internal Power Dissipation
500 mW
θJA (Junction to Air)
50°C/W
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADL5523_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5523 AD-ADL5523_17 Datasheet
677Kb / 21P
   Low Noise Amplifier
More results

Similar Description - ADL5523_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. A
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
   400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
logo
Qorvo, Inc
SPF5043Z QORVO-SPF5043Z Datasheet
1Mb / 14P
   50 MHz to 4000 MHz Low-Noise Amplifier
logo
Analog Devices
ADL5324 AD-ADL5324 Datasheet
579Kb / 20P
   400 MHz to 4000 MHz
REV. B
logo
Qorvo, Inc
SGL0622Z QORVO-SGL0622Z Datasheet
509Kb / 8P
   5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
logo
BeRex Corporation
BL011 BEREX-BL011_18 Datasheet
1Mb / 16P
   5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
   5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
   5-4000 MHz Wideband Low Noise Amplifier
logo
Mini-Circuits
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
   Low Noise Amplifier 50??400 to 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com