Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5541 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5541
Description  50 MHz to 6 GHz RF/IF Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5541 Datasheet(HTML) 2 Page - Analog Devices

  ADL5541_15 Datasheet HTML 1Page - Analog Devices ADL5541_15 Datasheet HTML 2Page - Analog Devices ADL5541_15 Datasheet HTML 3Page - Analog Devices ADL5541_15 Datasheet HTML 4Page - Analog Devices ADL5541_15 Datasheet HTML 5Page - Analog Devices ADL5541_15 Datasheet HTML 6Page - Analog Devices ADL5541_15 Datasheet HTML 7Page - Analog Devices ADL5541_15 Datasheet HTML 8Page - Analog Devices ADL5541_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADL5541
Data Sheet
Rev. A | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Typical Scattering Parameters..................................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ..............................................8
Basic Connections.......................................................................... 10
Soldering Information and Recommended PCB Land
Pattern.......................................................................................... 10
Evaluation Board ............................................................................ 11
Outline Dimensions....................................................................... 12
Ordering Guide .......................................................................... 12
REVISION HISTORY
11/13—Rev. 0 to Rev. A
Changes to Figure 2...........................................................................7
Added Figure 13, Renumbered Sequentially .................................9
Added Exposed Pad Notation to Outline Dimensions ..............12
7/07—Revision 0: Initial Version


Similar Part No. - ADL5541_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5541 AD-ADL5541_1 Datasheet
268Kb / 13P
   RF/IF Gain Block
More results

Similar Description - ADL5541_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
   30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com