Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50110JI-52 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HSP50110JI-52
Description  Digital Quadrature Tuner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50110JI-52 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HSP50110JI-52 Datasheet HTML 7Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 8Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 9Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 10Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 11Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 12Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 13Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 14Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
3-239
The calculation of the decimation factor depends on whether
the output sample rate is fixed or adjusted dynamically. For a
fixed sample rate, the decimation factor is equal to the divisor
loaded into the programmable divider. For example, if the
divider is configured with a divisor of 8, the decimation factor
is 8 (i.e., the output data rate is Fs/8). If the decimation factor
is adjusted dynamically, it is a function of both the
programmable divisor and the frequency of carry outs from
the Re-Sampler NCO (FCO) as given by:
Decimation Factor =
(Programmable Divisor) x Fs/FCO
(EQ. 10)
For example, if the programmable divisor is 8 and Fs/FCO =
40, the decimation factor would be 320.
NOTE: The CIC filter architecture only supports
decimation factors up to 4096.
The phase accumulator in the Re-Sampler NCO generates
the carry outs used to clock the programmable divider. The
frequency at which carry outs are generated (FCO) is
determined by the values loaded into the Sampler Center
Frequency (SCF) and Sampler Offset Frequency (SOF)
Registers. The relationship between the values loaded into
these registers and the frequency of the carry outs is given by:
FCO = Fs x (SCF + SOF)/2
32
(EQ. 11)
where Fs is the input sample rate of the Low Pass Filter
Section, SCF is the 32-bit value loaded into the Sampler
Center Frequency Register, and SOF is the 32-bit value
loaded into the Sample Offset Frequency Register. The SCF
Register is loaded through the Microprocessor Interface (see
Microprocessor Interface Section), and the SOF Register is
loaded serially via the SOF and SOFSYNC inputs (see Serial
Input Section). The sample rate Fs is a function of the Input
Controller Mode. If the Controller is in Gated Input Mode, Fs is
the frequency with which ENI is asserted. In Interpolated Input
Mode, Fs is the CLK frequency (see Input Controller Section).
The carry out and 5 of the most significant 8 bits of the
NCO’s phase accumulator are output to control a resampling
filter such as the HSP43168. The resampling filter can be
used to provide finer time (symbol phase) resolution than
can be achieved by the sampling clock alone. This may be
needed to improve transmit/receive timing or better, align a
matched filter’s impulse response with the symbol
boundaries of a baseband waveform at high symbol rates.
The carry out of the NCO’s phase accumulator is output on
SSTRB, and a window of 5 of the 8 most significant 8 bits of
the Phase Accumulator are output on SPH0-4.
Output Formatter
The Output Formatter supports either Word Parallel or Bit
Serial output modes. The output can be chosen to have a
two’s complement or offset binary format. The configuration
is selected by loading the I/O Formatting/Control Register
(see Table 10).
In parallel output mode, the in-phase and quadrature
samples are output simultaneously at rates up to the
maximum CLK. The DATARDY output is asserted on the first
CLK cycle that new data is available on IOUT0-9 and
QOUT0-9 as shown in Figure 14. Output enables (OEI,
OEQ) are provided to individually three-state IOUT0-9 and
QOUT0-9 for output multiplexing.
When bit serial output is chosen, two serial output modes are
provided, Simultaneous I/Q Mode and I Followed by Q Mode.
In Simultaneous I/Q Mode, the 10-bit I and Q samples are
output simultaneously on IOUT0 and QOUT0 as shown in
Figure 15. In I Followed by Q Mode, both samples are output
on IOUT0 with I samples followed by Q samples as shown in
Figure 16. In this mode, the I and Q samples are packed into
separate 16-bit serial words (10 data bits + 6 zero bits). The
10 data bits are the 10 MSBs of the serial word, and the I
sample is differentiated from the Q sample by a 1 in the LSB
position of the 16-bit data word. A continuous serial output
clock is provided on IOUT9 which is derived by dividing the
SHIFT REG
REG
SOF
SOFSYNC
32
32
0
SOF ENABLE
0
LOAD
SAMPLER
CENTER
FREQUENCY
32-BIT ADDER
CARRY OUTPUT
SPH0-4
SHIFTER
5
32
MODE
SSTRB
LOAD
SOF
SCF
RE-SAMPLER
PROGRAMMABLE
DIVIDER
TO DECIMATING FILTERS
NCO
REG
REG
REG
REG
MUX
SYNC
SYNC
MUX
+
Controlled via microprocessor interface.
FIGURE 13. RE-SAMPLER
MUX
CLK
SAMPLE PHASE
OUT CONTROL
SYNC
DATARDY
8
NCO
RESAMPLER
ON CF
WRITE
CLK
DATARDY
IOUT9-0/
QOUT9-0
NOTE:
DATARDY may be programmed active high or low.
FIGURE 14. PARALLEL OUTPUT TIMING
HSP50110


Similar Part No. - HSP50110JI-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50110JI-52 INTERSIL-HSP50110JI-52 Datasheet
218Kb / 25P
   Digital Quadrature Tuner
HSP50110JI-52 INTERSIL-HSP50110JI-52 Datasheet
219Kb / 25P
   Digital Quadrature Tuner
March 2001
logo
Renesas Technology Corp
HSP50110JI-52 RENESAS-HSP50110JI-52 Datasheet
1Mb / 25P
   Digital Quadrature Tuner
March 2001
More results

Similar Description - HSP50110JI-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50110 INTERSIL-HSP50110_01 Datasheet
218Kb / 25P
   Digital Quadrature Tuner
logo
Renesas Technology Corp
HSP50110 RENESAS-HSP50110 Datasheet
1Mb / 25P
   Digital Quadrature Tuner
March 2001
logo
Intersil Corporation
HSP50110JC-52 INTERSIL-HSP50110JC-52 Datasheet
219Kb / 25P
   Digital Quadrature Tuner
March 2001
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
   Digital Satellite Tuner
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
   Digital Satellite Tuner
Rev. 01-13 November 2008
logo
Texas Instruments
GC1012A TI-GC1012A Datasheet
186Kb / 30P
[Old version datasheet]   DIGITAL TUNER CHIP
logo
Broadcom Corporation.
BCM3416 BOARDCOM-BCM3416 Datasheet
175Kb / 1P
   ADVANCED DIGITAL CABLE TUNER
logo
Texas Instruments
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Texas Instruments
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com