Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50215VC Datasheet(PDF) 5 Page - Intersil Corporation

Part # HSP50215VC
Description  Digital UpConverter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50215VC Datasheet(HTML) 5 Page - Intersil Corporation

  HSP50215VC Datasheet HTML 1Page - Intersil Corporation HSP50215VC Datasheet HTML 2Page - Intersil Corporation HSP50215VC Datasheet HTML 3Page - Intersil Corporation HSP50215VC Datasheet HTML 4Page - Intersil Corporation HSP50215VC Datasheet HTML 5Page - Intersil Corporation HSP50215VC Datasheet HTML 6Page - Intersil Corporation HSP50215VC Datasheet HTML 7Page - Intersil Corporation HSP50215VC Datasheet HTML 8Page - Intersil Corporation HSP50215VC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
3-426
Functional Description
The HSP50215 Digital UpConverter (DUC) converts digital
baseband data into modulated or frequency translated digital
samples. The DUC can be configured to create any
quadrature amplitude shift-keyed (QASK) data modulated
signal, including QPSK, BPSK, and m-ary QAM. The DUC
can also be configured to create both shaped and unfiltered
FM signals. A minimum of 16 bits of resolution is maintained
throughout the internal processing.
The DUC is configured via the 16-bit microprocessor data
bus, using the address bus and RD, WR and CE control
signals. Configuration data that is loaded via this bus
includes the 30-bit Sample Rate NCO center frequency, the
32-bit Carrier NCO center frequency, the modulation format,
gain control, FIFO control, reset control and sync control.
The I and Q baseband channels each have a 256 tap FIR
filter whose coefficients and configuration are also
programmed via the
µP interface. Similarly, the control
signals for the I and Q channel interpolation filters are
programmed via the
µP interface. Once the operational
configuration for the device has been set, the 16-bit
µP
interface is used to input the I and Q data into the associated
FIFOs.
The FIFOs provide the data interface between the
µP and
either the FM modulator or the shaping filters. Multiplexers
route the I data to the FM modulator in the FM with
bandlimiting filter mode. Both I and Q are routed to the 256
tap FIR shaping filters in the QASK mode. The shaping filter
serves to both shape and interpolate the sample rate to 4, 8,
or 16 times the input sample rate. The I shaping filter output
can also be routed to the FM modulator for the FM with pulse
shaping mode. Multiplexers select either the FM modulator
output or the shaping filter output to be scaled and routed to
the interpolation filters.
The I and Q interpolation filters allow a non-integer increase in
sample rate, up to the reference clock rate. The interpolation
filter output data is upconverted or modulated by the Carrier
NCO and multipliers. The modulated signal is added to
modulated inputs from other cascaded DUC’s. The output
formatter sets the output buffer state and the output data
format.
Programmable FIFO
The Programmable FIFOs provide a data storage and
interface between the microprocessor data write holding
register and the shaping filter or the FM modulator. Signal
routing out of the FIFO is set by the modulation format. Each
FIFO has seven 16-bit registers. Figure 1 shows the
conceptual details of the I and Q FIFOs.
FIGURE 1. I AND Q FIFO BLOCK DIAGRAM
8:1 MUX
ZERO’S
RTH(2:0)
8:1 MUX
WR
A(000)
WR
A(001)
WRITE SHIFT ENABLE
WRITE SHIFT ENABLE
IIN(15:0)
QIN(15:0)
A(2:0)
IFIFO(15:0)
QFIFO(15:0)
FIFORDY
ALL REGISTERS
ARE CLOCKED AT
REFCLK UNLESS
SHOWN OTHERWISE
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
WR
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
WR
DFF1
DFF2
DFF3
DFF4
FM ENABLED
DFF1
DFF2
DFF3
DFF4
FIGURE 2. FIFORDY AND DATA DELAY TIMING
REFCLK
WR
DLY DATA
DFF 1
DFF 2
DFF 3
DFF 4
REG1
FIFORDY
WR SHFT EN
123
4
FIFO NEEDS
MORE DATA
FIFO NEEDS
MORE DATA
HSP50215


Similar Part No. - HSP50215VC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50215 INTERSIL-HSP50215 Datasheet
882Kb / 45P
   DSP Modulator Evaluation Board
HSP50215EVAL INTERSIL-HSP50215EVAL Datasheet
882Kb / 45P
   DSP Modulator Evaluation Board
More results

Similar Description - HSP50215VC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5318 TI-GC5318 Datasheet
553Kb / 45P
[Old version datasheet]   HIGH-DENSITY DIGITAL UPCONVERTER
logo
Analog Devices
AD9163 AD-AD9163_17 Datasheet
2Mb / 126P
   RF DAC and Digital Upconverter
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856 Datasheet
429Kb / 32P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. B
logo
Texas Instruments
GC5316 TI-GC5316 Datasheet
798Kb / 75P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5316 TI1-GC5316_14 Datasheet
796Kb / 76P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
logo
Analog Devices
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
   CMOS 200 MHz Quadrature Digital Upconverter
AD9857 AD-AD9857 Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com