Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50216KI Datasheet(PDF) 8 Page - Intersil Corporation

Part # HSP50216KI
Description  Four-Channel Programmable Digital DownConverter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50216KI Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HSP50216KI Datasheet HTML 4Page - Intersil Corporation HSP50216KI Datasheet HTML 5Page - Intersil Corporation HSP50216KI Datasheet HTML 6Page - Intersil Corporation HSP50216KI Datasheet HTML 7Page - Intersil Corporation HSP50216KI Datasheet HTML 8Page - Intersil Corporation HSP50216KI Datasheet HTML 9Page - Intersil Corporation HSP50216KI Datasheet HTML 10Page - Intersil Corporation HSP50216KI Datasheet HTML 11Page - Intersil Corporation HSP50216KI Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8
Level Detector
An input level detector is provided to monitor the signal level
on any of the input busses. Which input bus, the input format,
and the level detection type are programmable (see
Microprocessor Interface Section Tables 37, 38 and 39,
GWA’s F804h, F805h and F806h). The supported monitoring
modes are: integrated magnitude (like the HSP50214 w/o the
threshold), leaky integration (Yn =Xn xA+Yn-1 x (1-A)), and
peak detection. The measurement interval can be
programmed from 2 to 65537 samples (or continuous for the
leaky integrator and peak detect cases). The output is 32 bits
and is read via the
µP interface.
NCO/Mixer
After the input select/format section, the samples are
multiplied by quadrature sine wave samples from the carrier
NCO. The NCO has a 32-bit frequency control, providing
sub-hertz resolution at the maximum clock rate. The
quadrature sinusoids have exceptional purity. The purity of
the NCO should not be the determining factor for the
receiver dynamic range performance. The phase
quantization to the sine/cosine generator is 24 bits and the
amplitude quantization is 19 bits.
The carrier NCO center frequency is loaded via the
µP bus.
The center frequency control is double buffered - the input is
loaded into a center frequency holding register via the
µP
interface. The data is then transferred from the holding register
to the active register by a write to a address IWA *006h or by a
SYNCI signal, if loading via SYNCI is enabled. To synchronize
multiple channels, the carrier NCO phase accumulator
feedback can be zeroed on loading to restart all of the NCOs at
the same phase. A serial offset frequency input is also available
for each channel through the D(15:0) parallel data input bus (if
that bus is not needed for data input). This is legacy support for
HSP50210 type tracking signals.
After the mixers, a PN signal can be added to the data. This
feature is provided for test and to digitally reduce the input
sensitivity and adjust the receiver range (sensitivity). The effect
is the same as increasing the noise figure of the receiver,
reducing its sensitivity and overall dynamic range. The one bit
PN data is scaled by a 16-bit programmable scale factor. The
overall range for the PN is 0 to 1/8 full scale. A gain of 0
disables the PN input. The bit weighting for the gain is:
SIGNAL (2^-):
The minimum, non-zero, PN value is 1/(218) of full scale
(-108dBFS) on each axis (-105dBFS total). For an input
noise level of -75dBFS, this allows the SNR to be decreased
in steps of 1/8dB or less. The I and Q PN codes are offset in
time to decorrelate them. The PN code is selected and
enabled in the test control register (F800h). The PN is added
to the signal after the mix as:
so the maximum level is -12dBFS and the minimum, non-
zero level is -108dBFS. The PN code can be 215-1, 223-1 or
215-1 * 223-1.
CIC Filter
Next, the signal is filtered by a cascaded integrator/comb
(CIC) filter. A CIC filter is an efficient architecture for
decimation filtering. The power or magnitude squared
frequency response of the CIC filter is given by:
where
M = Number of delays (1 for the HSP50216)
N = Number of stages
and R = Decimation factor.
The CIC filter order is programmable from 0 to 5. The
minimum decimation is 4. If the order is set to 0, there must
be at least 4 clocks between samples or the decimation
counter must be set to 4 to chose every 4th sample. The
integrator/comb bit widths are:
69, 62, 53, 44, 34, 32, 32, 32, 32, 32.
The integrators are sized for decimation factors up to 512
with 5 stages. The maximum decimation varies with the
number of stages, but the maximum is 65536, limited by the
decimation counter.
A CIC filter has a gain of RN, where R is the decimation factor
and N is the number of stages. For a 5 stage CIC, the gain is
R5. The number of input bits is 24. The decimation factors that
a CIC can handle depends on the sizes of the integrators. The
integrators are sized to prevent more than one rollover per
decimation period. In the HSP50216, the integrators are slightly
oversized to reduce the quantization noise at each stage.
Because the CIC filter gain can vary greatly with decimation,
a barrel shifter is provided ahead of the CIC to add gain to
the input signal. The shift factor is adjusted to keep the total
barrel shifter and CIC filter between 0.5 and 1.0. The shift
0 1 2345678910 11 12 13 14 15 16 17 18 19 20
PN (2^):
S S SXXXXXXXX
X
X
XXXXXX
GAIN REG (2^):
X X XXXXXXXXX
X
X
X
X
X
(A POSITIVE 16-BIT VALUE IS LOADED, S = SIGN)
Bit
Weights
0. 1234567890123456789
Input Bits
X XXXXXXXXXXXXXXXXXXX
PN Value
± 0 0 0 PPPPPPPPPPPPPPPP
Pf
()
πMf
()
sin
πf
R
-----


sin
------------------------




 2N
=
HSP50216


Similar Part No. - HSP50216KI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50216KI INTERSIL-HSP50216KI Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
HSP50216KI INTERSIL-HSP50216KI Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
More results

Similar Description - HSP50216KI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com