Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50306 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HSP50306
Description  Digital QPSK Demodulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50306 Datasheet(HTML) 5 Page - Intersil Corporation

  HSP50306 Datasheet HTML 1Page - Intersil Corporation HSP50306 Datasheet HTML 2Page - Intersil Corporation HSP50306 Datasheet HTML 3Page - Intersil Corporation HSP50306 Datasheet HTML 4Page - Intersil Corporation HSP50306 Datasheet HTML 5Page - Intersil Corporation HSP50306 Datasheet HTML 6Page - Intersil Corporation HSP50306 Datasheet HTML 7Page - Intersil Corporation HSP50306 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
8-276
Two Versions: Different Applications
The -27 and -25 versions of the HSP50306 Digital QPSK
Demodulator are not simply different speed grades of the
same device, but are designs which have proportionally
scaled clocks and bandwidths for different applications.
NOTE: While these parts are pin for pin compatible, in
most applications they cannot be used as functional
equivalent substitutes for each other. Key differences are:
• The -27 version of the HSP50306 has an input IF of
10.7MHz with an input clock of 26. 97MHz.
• The -25 version of the HSP50306 has an input IF of
2.1MHz with an input clock of 25. 6MHz.
In both the -27 and -25 designs, the sample rate clock for the
input IF signal is half of the CLK frequency.
NOTE: Sample
rate clock is designated by fS = fCLK/2. Aside from input
IF and input clock, all other performance parameters of the
two parts are identical for their respective IF inputs.
10.7MHz Input IF Applications
Both the -27 and -25 parts can be used in 10.7MHz IF Applica-
tions. Figures 3 and 4 show the frequency spectrum for the
sampled 10.7MHz IF input signals for both the -27 and -25 ver-
sions, respectively. In the 10.7MHz IF Application, the -25 ver-
sion offers tighter filtering capability than the -27 version
because the lower IF allows use of low pass filtering. Also, the
lower IF of the -25 version has inherently lower internal pro-
cessing spectral spurs than the -27 version. Note that the
receive IF for the HSP50306SC-27 is the input IF to the demod-
ulator. For the HSP50306SC-25, the receive IF is 10.7MHz, but
the processing is done on the spectral image at 2.1MHz. Exam-
ine the spectral inversion between the 10.7MHz Receive IF and
the 2.1MHz demodulator input in Figure 4. The transmit differ-
ential encoder must take into account this spectral rever-
sal. The required encoding is shown in Table 3. This part was
designed to be paired with the HSP50307 Burst Modulator, and
can be operated from the same 25.6MHz reference clock.
TABLE 3. DIFFERENTIAL ENCODING REQUIRED FOR THE -27
AND -25 DEMODULATORS RECEIVING 10.7MHz IF
INPUT
BITS
PHASE CHANGE
REQUIRED FOR -27
DEMODULATION
PHASE CHANGE
REQUIRED FOR -25
DEMODULATION
00
0o
0o
01
-90o
90o
10
90o
-90o
11
180o
180o
FIGURE 3. SAMPLED SPECTRUM FOR THE -27 VERSIONS
(fCLK = 26.97MHz)
RECEIVE IF
DEMOD INPUT IF
DC
10.7 FS 16.27
24.19 FCLK 29.76
2.79
FIGURE 4. SAMPLED SPECTRUM FOR THE -25 VERSIONS
(fCLK = 25.6MHz)
RECEIVE IF
DEMOD INPUT IF
DC
10.7 FS 14.9
23.5 FCLK 27.7
2.1
HSP50306


Similar Part No. - HSP50306

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306 Datasheet
161Kb / 8P
   Digital QPSK Demodulator
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50306SC-27 INTERSIL-HSP50306SC-27 Datasheet
161Kb / 8P
   Digital QPSK Demodulator
logo
Renesas Technology Corp
HSP50306SC-27 RENESAS-HSP50306SC-27 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306_04 Datasheet
161Kb / 8P
   Digital QPSK Demodulator
More results

Similar Description - HSP50306

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306_04 Datasheet
161Kb / 8P
   Digital QPSK Demodulator
logo
Motorola, Inc
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
logo
STMicroelectronics
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
   NICAM QPSK DEMODULATOR
logo
Siemens Semiconductor G...
SDA6310 SIEMENS-SDA6310 Datasheet
568Kb / 19P
   DSR QPSK-Demodulator
logo
STMicroelectronics
STV0196B STMICROELECTRONICS-STV0196B Datasheet
236Kb / 23P
   QPSK/BPSK DEMODULATOR AND FEC IC
logo
Synaptics Incorporated.
CX24130 CONEXANT-CX24130 Datasheet
209Kb / 2P
   Dual Stream QPSK/BPSK Demodulator lC
logo
Sony Corporation
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
   DVB-S Front-end IC (QPSK demodulator FEC)
logo
AMI SEMICONDUCTOR
AMIS-50051 AMI-AMIS-50051 Datasheet
239Kb / 7P
   Digital Demodulator
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
   Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com